Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCB0610390KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCB0610390KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0610390KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCB0610390KZF Datasheet HTML 1Page - Superworld Electronics RCB0610390KZF Datasheet HTML 2Page - Superworld Electronics RCB0610390KZF Datasheet HTML 3Page - Superworld Electronics RCB0610390KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCB0610 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
25.04.2008
0.34
0.35
5.0
1V/1K
560 ±10%
470 ±10%
390 ±10%
330 ±10%
270 ±10%
220 ±10%
180 ±10%
150 ±10%
120 ±10%
100 ±10%
82 ±10%
RCB0610471KZF
RCB0610561KZF
RCB0610820KZF
RCB0610101KZF
RCB0610121KZF
RCB0610151KZF
RCB0610181KZF
RCB0610221KZF
RCB0610331KZF
RCB0610391KZF
RCB0610271KZF
1V/0.796M
2.0
1V/1K
20
1V/1K
20
1V/0.796M
2.0
1V/1K
20
1V/1K
1V/1K
1V/1K
1V/1K
20
20
20
20
1V/1K
1V/1K
1V/1K
20
20
20
20
1V/0.796M
3.0
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
2.5
2.0
2.5
3.0
1V/0.796M
1V/0.796M
1V/0.796M
4.0
3.5
4.0
0.16
1.50
1.80
0.15
0.26
0.75
1.10
1.20
1.00
0.90
0.20
0.18
0.22
0.24
0.45
0.50
0.40
0.30
0.28
0.32
68 ±10%
56 ±10%
47 ±10%
39 ±10%
33 ±10%
27 ±10%
22 ±10%
18 ±10%
15 ±10%
12 ±10%
Inductance
10 ±10%
( µH )
RCB0610120KZF
RCB0610150KZF
RCB0610220KZF
RCB0610270KZF
RCB0610330KZF
RCB0610390KZF
RCB0610470KZF
RCB0610560KZF
RCB0610180KZF
RCB0610680KZF
Part No.
RCB0610100KZF
1V/1K
20
1V/1K
1V/1K
1V/1K
1V/1K
20
20
20
20
1V/1K
1V/1K
1V/1K
1V/1K
20
20
20
20
1V/2.520M
7.0
1V/2.520M
1V/2.520M
1V/2.520M
1V/2.520M
6.0
5.0
5.0
6.0
1V/2.520M
1V/2.520M
1V/2.520M
1V/2.520M
9.0
8.0
10.0
10.0
1V/1K
1V/1K
Min.
20
20
Q
( Hz )
1V/2.520M
1V/2.520M
Test
Frequency
Min.
16.0
12.0
( MHz )
SRF
0.60
0.15
0.18
0.24
0.21
0.16
0.45
0.36
0.40
0.55
0.12
0.13
0.09
0.10
0.70
0.65
0.90
0.75
Max.
0.07
0.08
RDC
(
)
Max.
1.10
1.00
( A )
IDC
Test
Frequency
( Hz )
RADIAL CHOKE COIL
1V/2.520M
Pre-heating
40s max.
150°C
90 to 120s
260°C
REFLOW SOLDERINGS
230°C
180°C
RECOMMENDED SOLDERING CONDITIONS
10s max.
cooling
Natural


Similar Part No. - RCB0610390KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB0610390KZF SUPERWORLD-RCB0610390KZF Datasheet
916Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCB0610390KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com