Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCB0812681KZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # RCB0812681KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0812681KZF Datasheet(HTML) 3 Page - Superworld Electronics

  RCB0812681KZF Datasheet HTML 1Page - Superworld Electronics RCB0812681KZF Datasheet HTML 2Page - Superworld Electronics RCB0812681KZF Datasheet HTML 3Page - Superworld Electronics RCB0812681KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
RCB0812 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
25.04.2008
7. CHARACTERISTICS CURVES :
RADIAL CHOKE COIL
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
DC CURRENT (A)
331K
5
10
10
10
10
L
(uH)
10
FREQUENCY(MHZ)
5
3
3
10
-1
-3
10
5
-2
-1
10
35
3 5
1
3
0
5
3
5
2
3
150K
3R3M
101K
5
5
3
0
3
1
10
102
10
10
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
0
4
5
3
3
102K
10
0
30
20
12
4
35
60
t
(°C)
50
40
80
70
90
331K
102K
101K
150K
10
2
3
5
-2
3
0
10
10
5
3
-1
10
3R3M
1
10
3
L
(uH)
5
2
3
10
150K
331K
101K
DC CURRENT (A)
0
10
55
3
1
10
10
35
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
4
10
5
3
3
102K
7
68
10
9
3R3M


Similar Part No. - RCB0812681KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB0812681KZF SUPERWORLD-RCB0812681KZF Datasheet
917Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCB0812681KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com