Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB0602220MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PSB0602220MZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB0602220MZF Datasheet(HTML) 2 Page - Superworld Electronics

  PSB0602220MZF Datasheet HTML 1Page - Superworld Electronics PSB0602220MZF Datasheet HTML 2Page - Superworld Electronics PSB0602220MZF Datasheet HTML 3Page - Superworld Electronics PSB0602220MZF Datasheet HTML 4Page - Superworld Electronics PSB0602220MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PSB0602 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
Inductance
470.0±20%
1000.0±20%
680.0±20%
PSB0602681MZF
PSB0602102MZF
PSB0602330MZF
PSB0602151MZF
PSB0602221MZF
PSB0602471MZF
PSB0602331MZF
PSB0602680MZF
PSB0602Z101MZF
PSB0602470MZF
PSB06026R8MZF
PSB0602150MZF
PSB0602220MZF
PSB0602100MZF
PSB06022R2MZF
PSB06024R7MZF
PSB06023R3MZF
Part No.
PSB06021R0MZF
PSB06021R5MZF
0.11
6900
1V/100K
1V/100K
10000
0.09
0.50
350
1V/100K
33.0±20%
150.0±20%
1V/100K
330.0±20%
220.0±20%
1V/100K
1V/100K
1V/100K
68.0±20%
100.0±20%
47.0±20%
1V/100K
1V/100K
1V/100K
1650
0.20
3300
5300
2200
0.15
0.12
0.18
700
1050
530
0.30
0.25
0.40
1V/100K
6.8±20%
15.0±20%
22.0±20%
10.0±20%
1V/100K
1V/100K
1V/100K
4.7±20%
2.2±20%
3.3±20%
1V/100K
1V/100K
1V/100K
95
1.10
190
250
135
0.75
0.60
0.90
70
40
50
1.45
2.00
1.50
1.5±20%
1.0±20%
( µH )
1V/100K
1V/100K
25
35
( m )
RDC
Max.
2.70
2.50
IDC
( A )
( Hz )
Frequency
Test


Similar Part No. - PSB0602220MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB0603 SUPERWORLD-PSB0603 Datasheet
454Kb / 6P
   SMD POWER INDUCTORS
PSB0603100MZF SUPERWORLD-PSB0603100MZF Datasheet
454Kb / 6P
   SMD POWER INDUCTORS
PSB0603101KZF SUPERWORLD-PSB0603101KZF Datasheet
454Kb / 6P
   SMD POWER INDUCTORS
PSB0603102KZF SUPERWORLD-PSB0603102KZF Datasheet
454Kb / 6P
   SMD POWER INDUCTORS
PSB0603120MZF SUPERWORLD-PSB0603120MZF Datasheet
454Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PSB0602220MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com