Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-3012S-G20G Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # FTM-3012S-G20G
Description  1.0625節?.25Gbps GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3012S-G20G Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button FTM-3012S-G20G Datasheet HTML 2Page - Source Photonics, Inc. FTM-3012S-G20G Datasheet HTML 3Page - Source Photonics, Inc. FTM-3012S-G20G Datasheet HTML 4Page - Source Photonics, Inc. FTM-3012S-G20G Datasheet HTML 5Page - Source Photonics, Inc. FTM-3012S-G20G Datasheet HTML 6Page - Source Photonics, Inc. FTM-3012S-G20G Datasheet HTML 7Page - Source Photonics, Inc. FTM-3012S-G20G Datasheet HTML 8Page - Source Photonics, Inc. FTM-3012S-G20G Datasheet HTML 9Page - Source Photonics, Inc. FTM-3012S-G20G Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1.25G GBIC Transceiver
Up to 20 km transmission, RoHS compliant
June ,15 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 8 of 8
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 6/27/2006 4:31 PM
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 3
3.05
1.70
12.75
37.48
27.95
30.30
30.50
33.20
25.50
Figure 3, Mechanical Design Diagram of GBIC (1310nm)


Similar Part No. - FTM-3012S-G20G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3012C-SL20G SOURCE-FTM-3012C-SL20G Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLEG SOURCE-FTM-3012C-SLEG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLiG SOURCE-FTM-3012C-SLiG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results

Similar Description - FTM-3012S-G20G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-8012S-GG SOURCE-FTM-8012S-GG Datasheet
383Kb / 8P
   1.0625節?.25Gbps GBIC Transceiver
FTM-5012S-G50G SOURCE-FTM-5012S-G50G Datasheet
232Kb / 9P
   1.0625節?.25Gbps GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com