Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-811XC-L03DG Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # FTM-811XC-L03DG
Description  10G 850nm SFP Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-811XC-L03DG Datasheet(HTML) 2 Page - Source Photonics, Inc.

  FTM-811XC-L03DG Datasheet HTML 1Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 2Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 3Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 4Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 5Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 6Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 7Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 8Page - Source Photonics, Inc. FTM-811XC-L03DG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
10G 850nm SFP+ Transceiver
Up to 300m transmission
Preliminary Datasheet
Nov. 30, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 2 of 13
Regulatory Compliance
The transceivers are tested according to American and European product safety and electromagnetic
compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to
Fiberxon regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office listed
at the end of the documentation.
Table 1- Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class 1(>1000 V)
Electrostatic Discharge (ESD)
to the Duplex LC Receptacle
IEC 61000-4-2
GR-1089-CORE
Compliant with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compliant with standards
Immunity
IEC 61000-4-3
Compliant with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compliant with Class 1 laser
product.
Component Recognition
UL and CSA
UL file E223705
Absolute Maximum Ratings
Stress in excess of the maximum absolute ratings can cause permanent damage to the module.
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Storage Temperature
TS
-40
+85
°C
Supply Voltage
VCC
-0.5
4.0
V
Operating Relative Humidity
RH
85
%
Recommended Operating Conditions
Table 3 - Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating Case Temperature
TC
0
+70
°C
Power Supply Voltage
VCC
3.15
3.3
3.45
Power Supply Current
ICC
240
300
mA
Power Dissipation
PD
0.8
1.0
W
Data Rate
10.3125
Gbps


Similar Part No. - FTM-811XC-L03DG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-8012S-GG SOURCE-FTM-8012S-GG Datasheet
383Kb / 8P
   1.0625節?.25Gbps GBIC Transceiver
FTM-8025C-FBG SOURCE-FTM-8025C-FBG Datasheet
234Kb / 8P
   1~2.5Gbps 850nm SFF 2횞5 Transceiver
FTM-83X0C-X03G SOURCE-FTM-83X0C-X03G Datasheet
300Kb / 11P
   10G 850nm XFP Transceiver
More results

Similar Description - FTM-811XC-L03DG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-83X0C-X03G SOURCE-FTM-83X0C-X03G Datasheet
300Kb / 11P
   10G 850nm XFP Transceiver
logo
OPLINK Communications I...
TPP3XGDS0C000E2G OPLINK-TPP3XGDS0C000E2G Datasheet
461Kb / 6P
   850nm SFP Transceiver
TPP1XGDS0XG-0983 OPLINK-TPP1XGDS0XG-0983 Datasheet
265Kb / 6P
   850nm SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
ATGBICS by Approved Tec...
10G-SFP-SR-C ATGBICS-10G-SFP-SR-C Datasheet
375Kb / 10P
   10G-SFP-SR Myricom Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-USR-C ATGBICS-SFP-10G-USR-C Datasheet
375Kb / 10P
   SFP-10G-USR Huawei Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-C ATGBICS-SFP-10G-SR-C Datasheet
364Kb / 10P
   SFP-10G-SR Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
Source Photonics, Inc.
FTM-311XC-L10DG SOURCE-FTM-311XC-L10DG Datasheet
275Kb / 13P
   10G 1310nm SFP Transceiver
logo
Level One
XFP-5901 LVL1-XFP-5901 Datasheet
269Kb / 4P
   10G MMF XFP Transceiver 300m 850nm
logo
ATGBICS by Approved Tec...
SFP-10G-GE-SX-C ATGBICS-SFP-10G-GE-SX-C Datasheet
375Kb / 10P
   SFP-10G-GE-SX Huawei Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com