Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9723P-KGH Datasheet(PDF) 11 Page - Source Photonics, Inc.

Part # FTM-9723P-KGH
Description  2x10 SFF G-PON OLT Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9723P-KGH Datasheet(HTML) 11 Page - Source Photonics, Inc.

Back Button FTM-9723P-KGH Datasheet HTML 7Page - Source Photonics, Inc. FTM-9723P-KGH Datasheet HTML 8Page - Source Photonics, Inc. FTM-9723P-KGH Datasheet HTML 9Page - Source Photonics, Inc. FTM-9723P-KGH Datasheet HTML 10Page - Source Photonics, Inc. FTM-9723P-KGH Datasheet HTML 11Page - Source Photonics, Inc. FTM-9723P-KGH Datasheet HTML 12Page - Source Photonics, Inc. FTM-9723P-KGH Datasheet HTML 13Page - Source Photonics, Inc. FTM-9723P-KGH Datasheet HTML 14Page - Source Photonics, Inc. FTM-9723P-KGH Datasheet HTML 15Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2x10 SFF G-PON OLT Transceiver (Temporary Version)
Class B
+ attenuation range: 13-28dB
Jul.7,2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3633001-1d
Page 11 of 16
92
1
Diagnostic
Monitoring Type
58
Compliant with SFF-8472 V9.5
Externally Calibrated
Received power measurement type
-Average Power
93
1
Enhanced Options
A0
Diagnostics (Optional Alarm/warning flags)
Soft TX_FAULT monitoring implemented
94
1
SFF-8472
Compliance
02
Diagnostics Compliance(SFF-8472 V9.5)
95
1
CC_EXT
XX
Check sum of byte 64-94
96-255
64
Vendor Specific
Monitoring Specification
The digital diagnostic monitoring interface defines 256-byte memory map in EEPROM, which makes use of the 8
bit address 1010001X(A2h). Please see Figure 7. Table 9~11 show the EEPROM definition from 0 to 119 byte,
please refer to the SFF-8472 Rev 9.5 for the data format of these tables. The monitoring specification of this
product is described in Table 12.
Figure 7 EEPROM Memory Map Specific Data Field Descriptions


Similar Part No. - FTM-9723P-KGH

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-F20G SOURCE-FTM-9712P-F20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20 SOURCE-FTM-9712P-K20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20G SOURCE-FTM-9712P-K20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
More results

Similar Description - FTM-9723P-KGH

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
logo
Optoway Technology Inc
TRSL-7385W-CXX0 OPTOWAY-TRSL-7385W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
logo
OPLINK Communications I...
DTR-2488-SM2-LC-W-G-MR OPLINK-DTR-2488-SM2-LC-W-G-MR Datasheet
202Kb / 6P
   2x10 SFF Single Mode Transceivers
logo
Optoway Technology Inc
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9380FW-CXX0 OPTOWAY-TRSL-9380FW-CXX0 Datasheet
159Kb / 5P
   3.3V / CWDM / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com