Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ979-1C-6D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ979-1C-6D
Description  80 AMP MINI-ISO AUTOMOTIVE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ979-1C-6D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ979-1C-6D Datasheet HTML 1Page - American Zettler, Inc. AZ979-1C-6D Datasheet HTML 2Page - American Zettler, Inc. AZ979-1C-6D Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CONTACTS
Arrangement
SPST- N.O. (1 Form A), SPST - N.C. (1 Form B),
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 1120 W (SPST) Form A
840 W (N.O.) From C
840 W (N.C.) Form C, Form B
Max. switched current: 80 A (SPST) Form A
60 A (N.O.) Form C
60 A (N.C.) Form C, Form B
Max. switched voltage: 30 VDC
Material
Silver tin oxide
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 80 A 14 VDC Res.
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
500 Vrms coil to contact
(at sea level for 1 min.) 500 Vrms contact to contact
Insulation Resistance
100 megohms min. at 500 VDC, 20°C
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" DA at 10-55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Copper alloy
Quick Connect
Note: Allow suitable slack on leads when wiring,
and do not subject the terminals to excessive
force.
Weight
48 grams
AZ979
5/22/07W
80 AMP MINI-ISO
AUTOMOTIVE
RELAY
FEATURES
• 80 Amp contact rating – “Super ISO”
• High momentary carry current (500 A)
• High operating temperature (85°C)
• SPST (1 Form A), SPDT (1 Form C),
SPST N.C. ( Form B)
• Quick connect terminals
• ISO/TS 16949, ISO14001
• Tested in accordance with SAEJ2544
COIL
Power
At Pickup Voltage
0.76 W
(typical)
Max. Continuous
3.0 W at 20°C (68°F)
Dissipation
Temperature Rise
56°C (101°F) at nominal coil voltage
Temperature
Max.155°C (311°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ979-1C-6D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ979-1C-6D ZETTLER-AZ979-1C-6D Datasheet
63Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ979-1C-6D ZETTLER-AZ979-1C-6D Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
More results

Similar Description - AZ979-1C-6D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ983 ZETTLER-AZ983 Datasheet
60Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ980 ZETTLER-AZ980 Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com