Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ976-1B-12DT Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ976-1B-12DT
Description  20 AMP MINIATURE AUTOMOTIVE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ976-1B-12DT Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ976-1B-12DT Datasheet HTML 1Page - American Zettler, Inc. AZ976-1B-12DT Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPSTNO (1 Form A)
SPST NO DM (1 Form U)
SPSTNC (1 Form B)
SPST NC DB (1 Form V)
SPDT (B-M) (1 Form C) SPDT NC-NO DM (1 Form W)
Ratings
Max. switched power: 200 W
500 VA
Max. switched voltage: 100 VDC
Max. switched current (make/break), continuous:
1 Form A:
60A/20A, 15A
1 Form B:
12A/10A, 10A
1 Form C (NO):
60A/20A, 15A
1 Form C (NC):
12A/10A, 10A
1 Form U:
2X40A/2X20A, 2X10A
1 Form V:
2X8A/2X7A, 2X7A
1 Form W (NO):
2X30A/2X15A, 2X7A
1 Form W (NC):
2X5A/2X5A. 2X5A
Material
Silver tin oxide (silver nickel available - contact factory)
Resistance
< 100 milliohms at 1A, 5 VDC
NOTES
1. All values at 20°C (68°F).
2. Maximum make current refers to in-rush current of lamp load.
3. Electrical life obtained at resistive or inductive load of 10A, 15 VDC for
A, B, C, U, V contacts, 7A, 15 VDC for W contacts with suitable arc-
suppression circuit attached with operating frequency of 1 ops/sec.
4. Relay may pull in with less than “Must Operate” value.
5. Specifications subject to change without notice.
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107 operations
Electrical
1 x 105 at 12 A 14 VDC Res.
Operate Time (typical)
3 ms at nominal coil voltage
Release Time (typical)
1.5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
500 Vrms coil to contact
(at sea level for 1 min.)
500 Vrms between open contacts
Insulation Resistance
100 megohms min. at 20°C,
500 VDC, 50% RH
Dropout
> 6% (for B&V), > 11% (for ACUW)
of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 115°C (239°F)
Storage
-40°C (-40°F) to 155°C (311°F)
Vibration
0.062" DA at 10–55Hz
Shock
10 g, 11 ms, functional
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
AZ975 = 8g, AZ976 = 12g, approx.
COIL
Power
At Pickup Voltage
514 mW (12 and 24 VDC Coil)
(typical)
573 mW (6 VDC Coil)
Max. Continuous
3.4 W 20°C (68°F) ambient - AZ975
Dissipation
3.1 W 20°C (68°F) ambient - AZ976
Temperature Rise
50°C (90°F) nominal coil VDC
Max. Temperature
155°C (311°F)
AZ975/976
6/26/06W
20 AMP MINIATURE
AUTOMOTIVE RELAY
FEATURES
• Up to 20 Amp switching capability in a compact size
• Open, covered or sealed
• Coils to 24 VDC
• Small footprint
• Six different contact arrangements available
• Vibration and shock resistant
• ISO/TS 16949, ISO9001, ISO14000
• Tested in accordance with SAE J2544
• Cost effective
• Designed for high in-rush applications
AZ975
AZ976


Similar Part No. - AZ976-1B-12DT

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ976-1B-12DT ZETTLER-AZ976-1B-12DT Datasheet
97Kb / 3P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results

Similar Description - AZ976-1B-12DT

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9421A AZETTLER-AZ9421A Datasheet
108Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY
AZ942A AZETTLER-AZ942A Datasheet
86Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY
AZ935 AZETTLER-AZ935 Datasheet
82Kb / 2P
   20 AMP MINIATURE DUAL AUTOMOTIVE RELAY - QUIET
logo
ZETTLER Electronics
AZ977 ZETTLER-AZ977 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
American Zettler, Inc.
AZ934 AZETTLER-AZ934 Datasheet
132Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY, SINGLE OR DUAL
logo
List of Unclassifed Man...
AZ977 ETC1-AZ977 Datasheet
39Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com