Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDH33161R0MZF Datasheet(PDF) 6 Page - Superworld Electronics

Part # PDH33161R0MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDH33161R0MZF Datasheet(HTML) 6 Page - Superworld Electronics

  PDH33161R0MZF Datasheet HTML 1Page - Superworld Electronics PDH33161R0MZF Datasheet HTML 2Page - Superworld Electronics PDH33161R0MZF Datasheet HTML 3Page - Superworld Electronics PDH33161R0MZF Datasheet HTML 4Page - Superworld Electronics PDH33161R0MZF Datasheet HTML 5Page - Superworld Electronics PDH33161R0MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
05.05.2008
SMD POWER INDUCTORS
PDH3316 SERIES
10. UL CARD :
E41429 (M)
R
0
2
150
150
150
94V-0
0.71
BN
PM-8315J
94V-0
94V-1
94V-0
94V-0
94V-1
94V-0
94V-0
94V-0
Reports: March 29, 1985: May 14, 1974: September 16, 1971: September 16, 1971:
September 16, 1971: September 16, 1971: March 29, 1985.
94V-0
BK
0.71
PM-9830
0.69
3.18
PM-8320J
PM-8330
PM-8400
PM-8315K
1.52
0.71
1.57
0.71
BK
BK
BK
3.05
0.78
6.10
1.47
BK
150
150
150
150
150
150
150
150
150
0
0
0
0
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
1
0
1
0
2
0
January 15, 1991
94V-0
94V-0
94V-0
94V-0
PM-9630
PM-8315
0.40
3.18
0.50
0.51
BK
BK
QMFZ2
150
150
150
150
150
150
150
150
150
150
150
150
1
0
0
3
0
0
0
4
03
5
5
0
0
0
4
4
4
0
0
3
__
__
__
__
GUANGDONG CHINA
Mtl Dsg
Coating Type
BC
TC
Type
ANSI
TI


Similar Part No. - PDH33161R0MZF

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDH3012 NIEC-PDH3012 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
PDH3012 NIEC-PDH3012 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
PDH3016 NIEC-PDH3016 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
PDH3016 NIEC-PDH3016 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
PDH308 NIEC-PDH308 Datasheet
241Kb / 4P
   THYRISTOR MODULE 30A Avg 800 Volts
More results

Similar Description - PDH33161R0MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com