Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDC3015N-1R6YF Datasheet(PDF) 5 Page - Superworld Electronics

Part # PDC3015N-1R6YF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC3015N-1R6YF Datasheet(HTML) 5 Page - Superworld Electronics

  PDC3015N-1R6YF Datasheet HTML 1Page - Superworld Electronics PDC3015N-1R6YF Datasheet HTML 2Page - Superworld Electronics PDC3015N-1R6YF Datasheet HTML 3Page - Superworld Electronics PDC3015N-1R6YF Datasheet HTML 4Page - Superworld Electronics PDC3015N-1R6YF Datasheet HTML 5Page - Superworld Electronics PDC3015N-1R6YF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
18.04.2008
9. PACKAGING INFORMATION :
9-1. Reel Dimension
SMD Power Inductors (Lead Free)
PDC3015N SERIES
More than 400mm
Leader edge
12±0.3
More than
100mm
Chip / Reel
Inner Box
Carton
9-3. Packaging Quantity
Size
3000
48000
12000
PDC3015N
Components
Trailer edge
PDC3015N
3.5±0.1
Empty pockets
3.5±0.1
1.7±0.1
8.0±0.3
Direction Feed
0.4±0.1
5.5±0.3
1.5
W(mm)
13" x 12mm
4±0.3
2±0.3
0.8±0.1
Series
Ao(mm)
P
Bo(mm)
Ko(mm)
Ao
P(mm)
9-2 Tape Dimension / 12mm
-0
t
Ko
t(mm)
F(mm)
13.0±0.5
+0.1
330
12.5±0.5
100±1.0
C
G(mm)
A(mm)
Type
C(mm)
N(mm)
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - PDC3015N-1R6YF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC3015C SUPERWORLD-PDC3015C Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-100MF SUPERWORLD-PDC3015C-100MF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-1R6YF SUPERWORLD-PDC3015C-1R6YF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-220MF SUPERWORLD-PDC3015C-220MF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-2R2YF SUPERWORLD-PDC3015C-2R2YF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDC3015N-1R6YF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com