Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POE30U-560 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # POE30U-560
Description  30W Power Over Ethernet Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE30U-560 Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE30U-560 Datasheet HTML 1Page - Phihong USA Inc. POE30U-560 Datasheet HTML 2Page - Phihong USA Inc. POE30U-560 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POE30U Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90 to 264VAC
AC Input Voltage Rating
100 to 240VAC,47-63Hz
AC Input Current
0.5A(RMS) max. for 90VAC
0.35A(RMS) max. for 240VAC
Leakage Current
1.0mA max. @ 254VAC 60Hz
AC Inrush Current
15A(RMS) max. for 115VAC
20A(RMS) max. for 230VAC
OUTPUT:
Total Output Power
30W
DC Offset
No Data degradation with DC imbalance 18mA
Efficiency
65% (typical) at Max. load, and 120VAC 60Hz
Hold-up Time
16mS min. 120VAC and max. load
Transient O/P Voltage Protection
60V max.
ENVIRONMENTAL:
Temperature
Operation
0 to +40°C
Non-operation
-25 to +65°C
Humidity
Operation
5 to 90%
EMC
FCC Part 15 Class B
EN55022 Class B
Isolation Test
Primary to Secondary: 3000VAC for 1 minute 10mA
Primary to F.G.: 1500VAC for 1 minute
Output to F.G.: 1500VAC
Immunity
ESD:
EN61000-4-2. Level 3
RS:
EN61000-4-3. Level 2
EFT:
EN61000-4-4. Level 2
Surge:
EN61000-4-5. Level 3
CS:
EN61000-4-6. Level 2
Voltage Dips
EN61000-4-11
Harmonic:
EN61000-3-2
Insulation Resistance
Primary to secondary: >10M OHM 500VDC
Primary to FC: >10M OHM 500VDC
FEATURE:
Over Voltage/Current, Short Circuit Protection
Outputs equipped with short circuit protection and overload
protection as per 802.3af specification except max average
current is 0.55A, Peak 0.6A
The output can be shorted permanently without damage
Indicators
Led #1 indicator for input power “on” GREEN
Led #2 Indicator for fault-RED
Led #3 Indicator that Detected and Connected to valid
IEEE802.3af load-GREEN
Input Connector
IEC320 inlet 3 pin
Output Connection
+pins
3,6
-
pins 1,2
Dimension Diagram Unit: mm (inch)


Similar Part No. - POE30U-560

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE30U-560(G)-HT PHIHONG-POE30U-560(G)-HT Datasheet
351Kb / 4P
   30W Power over Ethernet Adapter High Power, High Temperature Single Port Injector
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
   30W Power Over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
351Kb / 4P
   30W Power over Ethernet Adapter High Power, High Temperature Single Port Injector
POE30U-560GHT PHIHONG-POE30U-560GHT_14 Datasheet
101Kb / 3P
   30W Power over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT_18 Datasheet
351Kb / 4P
   30W Power over Ethernet Adapter High Power, High Temperature Single Port Injector
More results

Similar Description - POE30U-560

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
   30W Power Over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT_14 Datasheet
101Kb / 3P
   30W Power over Ethernet Adapter
POE31U PHIHONG-POE31U Datasheet
92Kb / 2P
   30W Passive Power over Ethernet Adapter
POE31U-240 PHIHONG-POE31U-240 Datasheet
92Kb / 2P
   30W Passive Power over Ethernet Adapter
logo
List of Unclassifed Man...
POE31U-240-R ETC2-POE31U-240-R Datasheet
239Kb / 2P
   30W Passive Power over Ethernet Adapter Lowest Cost IEEE802.3at Power
logo
Phihong USA Inc.
POE30U-560GHT PHIHONG-POE30U-560GHT_18 Datasheet
351Kb / 4P
   30W Power over Ethernet Adapter High Power, High Temperature Single Port Injector
POE31U-1AT PHIHONG-POE31U-1AT_14 Datasheet
168Kb / 2P
   30W Single Port Power over Ethernet Midspan
POE36D-1AT PHIHONG-POE36D-1AT Datasheet
184Kb / 3P
   33.6W Power over Ethernet Adapter
POE20U-560 PHIHONG-POE20U-560_14 Datasheet
81Kb / 3P
   19.6W Power over Ethernet Adapter
POE60U-560G PHIHONG-POE60U-560G Datasheet
125Kb / 3P
   60W Power Over Ethernet Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com