Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLA05A-050-R Datasheet(PDF) 3 Page - Phihong USA Inc.

Part # PLA05A-050-R
Description  5.0 Watt - Unregulated Wall Plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PLA05A-050-R Datasheet(HTML) 3 Page - Phihong USA Inc.

  PLA05A-050-R Datasheet HTML 1Page - Phihong USA Inc. PLA05A-050-R Datasheet HTML 2Page - Phihong USA Inc. PLA05A-050-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PLA05A Characteristics
WWW.PHIHONG.COM
INPUT:
Immunity
AC Input Voltage Range
EN61000-4-2, Level 3
90 to 264VAC
EN61000-4-5, Level 3
AC Inrush Current
40A max @ 240VAC, 25°C
General
Input Power Saving
Leakage Current
<0.3W max @ 120/240VAC, no load
≤ 10 uA max
Dielectric Withstand (Hi-pot)
California Energy Commission Compliant,
Level IV
3KVAC, Primary to Secondary
MTBF (Full Load, 25°C)
Efficiency
≥ 64.4%
100K Hrs. min. at max load, 25°C ambient and
120VAC
DC Output Connector
OUTPUT:
Ripple (1)
2.1 mm x 5.5 mm Center Positive
AC Input Clip
300 mVp-p
Fixed US blade
Over Voltage Protection
5VDC: OVP shall not exceed 9V Max
9VDC: OVP shall not exceed 16.2V Max
12VDC: OVP shall not exceed 21V Max
Hold-up Time
10 ms (min) @ 120VAC, Half Load
Short Circuit Protection
Auto Recovery
ENVIRONMENTAL:
Operation Temperature (Convection)
0°C ~ 50°C
Storage Temperature
-40°C ~ 85°C
Humidity
90% RH Max
Emissions
FCC Class B
EN55022 class B
Note: (1) Measured after 10 minutes with by-pass
capacitors 0.1uf / 10uf at output connector terminal and
oscilloscope set at 20 MHz.
Phihong reserves the right to make changes without
further notice. Please consult Phihong USA and visit
www.phihong.com for the most up-to-date
specifications.
11-11-08


Similar Part No. - PLA05A-050-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PLA01A-050-R PHIHONG-PLA01A-050-R Datasheet
366Kb / 3P
   1.3 Watt - Unregulated Wall Plug
PLA01A-090-R PHIHONG-PLA01A-090-R Datasheet
366Kb / 3P
   1.3 Watt - Unregulated Wall Plug
PLA01A-120-R PHIHONG-PLA01A-120-R Datasheet
366Kb / 3P
   1.3 Watt - Unregulated Wall Plug
PLA02A-050-R PHIHONG-PLA02A-050-R Datasheet
371Kb / 3P
   2.0 Watt - Unregulated Wall Plug
PLA02A-090-R PHIHONG-PLA02A-090-R Datasheet
371Kb / 3P
   2.0 Watt - Unregulated Wall Plug
More results

Similar Description - PLA05A-050-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PLA02A-050-R PHIHONG-PLA02A-050-R Datasheet
371Kb / 3P
   2.0 Watt - Unregulated Wall Plug
PLA01A-050-R PHIHONG-PLA01A-050-R Datasheet
366Kb / 3P
   1.3 Watt - Unregulated Wall Plug
PLA03A-050-R PHIHONG-PLA03A-050-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
PSAC24A-120L6 PHIHONG-PSAC24A-120L6_18 Datasheet
324Kb / 3P
   24 Watt ??Wall Plug Adapter
PSA24A-120 PHIHONG-PSA24A-120_14 Datasheet
108Kb / 2P
   24 Watt ??Wall Plug Adapter
PSAC24A PHIHONG-PSAC24A Datasheet
104Kb / 2P
   24 Watt ??Wall Plug Adapter
PSAC18A-120L6 PHIHONG-PSAC18A-120L6_18 Datasheet
140Kb / 3P
   18 Watt Fixed Wall Plug Series
PSAC12A-050 PHIHONG-PSAC12A-050 Datasheet
204Kb / 3P
   12 Watt Fixed Wall Plug Series
PSA15A-PV PHIHONG-PSA15A-PV Datasheet
93Kb / 2P
   15 Watt Fixed Wall Plug Series
PSM10A-050A PHIHONG-PSM10A-050A_18 Datasheet
192Kb / 3P
   10 Watt Fixed Wall Plug Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com