Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6397 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 2N6397
Description  SCRs 12 AMPERES RMS 50 thru 800 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6397 Datasheet(HTML) 2 Page - Motorola, Inc

  2N6397 Datasheet HTML 1Page - Motorola, Inc 2N6397 Datasheet HTML 2Page - Motorola, Inc 2N6397 Datasheet HTML 3Page - Motorola, Inc 2N6397 Datasheet HTML 4Page - Motorola, Inc 2N6397 Datasheet HTML 5Page - Motorola, Inc 2N6397 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N6394 thru 2N6399
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
* Peak Repetitive Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM, Gate Open)
TJ = 25°C
TJ = 125°C
IDRM, IRRM
10
2
µA
mA
* Forward “On” Voltage
(ITM = 24 A Peak)
VTM
1.7
2.2
Volts
* Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
IGT
5
30
mA
* Gate Trigger Voltage (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
(VD = Rated VDRM, RL = 100 Ohms, TJ = 125°C)
VGT
VGD
0.2
0.7
1.5
Volts
* Holding Current
(VD = 12 Vdc, Gate Open)
IH
6
40
mA
Turn-On Time
(ITM = 12 A, IGT = 40 mAdc, VD = Rated VDRM)
tgt
1
2
µs
Turn-Off Time (VD = Rated VDRM)
(ITM = 12 A, IR = 12 A)
(ITM = 12 A, IR = 12 A, TJ = 125°C)
tq
15
35
µs
Critical Rate–of–Rise of Off-State Voltage Exponential
(VD = Rated VDRM, TJ = 125°C)
dv/dt
50
V/
µs
*Indicates JEDEC Registered Data.
6.0
120
90
100
110
130
60
°
α = 30°
0
1.0
2.0
3.0
8.0
α = CONDUCTION ANGLE
FIGURE 1 — CURRENT DERATING
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
α
90
°
12
0
4.0
8.0
20
TJ ≈ 125°C
FIGURE 2 — MAXIMUM ON-STATE POWER DISSIPATION
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
7.0
0
1.0
2.0
3.0
8.0
α = CONDUCTION ANGLE
α
4.0
5.0
7.0
180
°
dc
10
2.0
6.0
18
14
16
4.0
5.0
6.0
60
°
α = 30°
90
°
180
°
dc
125
95
105
115


Similar Part No. - 2N6397

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6397 ONSEMI-2N6397 Datasheet
79Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 3
2N6397 ONSEMI-2N6397 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
2N6397 NJSEMI-2N6397 Datasheet
153Kb / 1P
   CASE TO-220AB
2N6397 NJSEMI-2N6397 Datasheet
165Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
2N6397 DIGITRON-2N6397 Datasheet
319Kb / 5P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N6397

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6394 ONSEMI-2N6394_06 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
logo
Motorola, Inc
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
   SCRs 8 AMPERES RMS 400 thru 800 VOLTS
logo
ON Semiconductor
2N6400 ONSEMI-2N6400_04 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
New Jersey Semi-Conduct...
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
   TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com