Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA-1504U Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA-1504U
Description  Single Output U-Channel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA-1504U Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA-1504U Datasheet HTML 1Page - Phihong USA Inc. PSA-1504U Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
150W Auto-Ranging Industrial Series
PSA-1500U Single Output
U-Channel
Model
DC Output
Load
Ripple
Total
Voltage
Min.
Max.
@30 CFM
P-P
Tolerance
+5V
+12V
+15V
+24V
0A
0A
0A
0A
20A
8A
6.5A
4.0A
+1%
+1%
+1%
+1%
Output Specifications
Mechanical Characteristics
Dimensions: • Length: 198.16mm (7.8in)
• Height: 38.1mm (1.5in)
• Width: 96.52mm (3.8in)
• Weight: 0.86Kgs (1.89Ibs)
70mV
120mV
150mV
240mV
30A
12A
10A
6.0A
(1) The maximum continuous output power shall not exceed 100 watts with convection cooling, and
150 watts with 30 CFM air cooling.
(2) Ripple & noise is measured at 20MHz bandwidth limit by using a 10in. twisted wire terminated
with a 10
µF capacitor in parallel with a 0.1µF ceramic capacitor.
Safety Approvals
• UL 1950
• TUV EN 60950 (IEC 950)
• CSA 22.2 1402C Level 3
Applications
• File servers
• Test equipment
• Workstations
• Industrial controls
Features
• High efficiency
• Small low profile package
• Built-in EMI filter
• Short circuit protection
• 100% Burn-in
• Over voltage protection
PSA-1503U
PSA-1504U
PSA-1515U
PSA-1505U
TUV Rheinland


Similar Part No. - PSA-1504U

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA-1501U PHIHONG-PSA-1501U Datasheet
69Kb / 2P
   Multiple Output U-Channel
PSA-1502U PHIHONG-PSA-1502U Datasheet
69Kb / 2P
   Multiple Output U-Channel
PSA-1506U PHIHONG-PSA-1506U Datasheet
69Kb / 2P
   Multiple Output U-Channel
PSA-1507U PHIHONG-PSA-1507U Datasheet
69Kb / 2P
   Multiple Output U-Channel
PSA-1508U PHIHONG-PSA-1508U Datasheet
69Kb / 2P
   Multiple Output U-Channel
More results

Similar Description - PSA-1504U

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA-1501U PHIHONG-PSA-1501U Datasheet
69Kb / 2P
   Multiple Output U-Channel
logo
MicroPower Direct, LLC
MPU-120S MPD-MPU-120S Datasheet
2Mb / 6P
   Single Output, 180W Compact, U-Channel AC/DC Power Supplies
MPU-60S MPD-MPU-60S Datasheet
1Mb / 5P
   Single Output, 60W Compact, U-Channel AC/DC Power Supplies
logo
Mean Well Enterprises C...
ULP-150_1108 MEANWELL-ULP-150_1108 Datasheet
286Kb / 2P
   150W U-Bracket Single Output with PFC Function
USP-150-12 MEANWELL-USP-150-12 Datasheet
267Kb / 2P
   150W U-Bracket Single Output with PFC Function
ULP-150_1110 MEANWELL-ULP-150_1110 Datasheet
293Kb / 2P
   150W U-Bracket Single Output with PFC Function
ULP-150 MEANWELL-ULP-150 Datasheet
293Kb / 2P
   150W U-Bracket Single Output with PFC Function
USP-150 MEANWELL-USP-150 Datasheet
267Kb / 2P
   150W U-Bracket Single Output with PFC Function
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8300 AVAGO-AEDR-8300 Datasheet
206Kb / 10P
   Single channel incremental output
logo
Intronics Power, Inc.
AC200 INTRONICS-AC200 Datasheet
210Kb / 2P
   200 Watt Single Output U Frame AC-DC Modules with PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com