Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSS-18A-090 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSS-18A-090
Description  18 Watt - Low Cost Linear Eliminator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSS-18A-090 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSS-18A-090 Datasheet HTML 1Page - Phihong USA Inc. PSS-18A-090 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 BABT MITI
Facility Approvals
ENTERPRISE CO., LTD.
16, Lane 530, Chung Cheng N. Rd.
Sanchung City, Taipei
Taiwan 24103, R.O.C.
Phone: 886-2-2988-2126
886-2-2980-5255
Fax: 886-2-2981-7086
886-2-2983-3222
PHIHONG USA
C
O
R
P
O
R
A
T
I
O
N
U.S. Headquaters:
48607 Warm Springs Blvd.
Fremont, CA 94539
Phone: 510-445-0100
Fax: 510-445-1678
Email: usasales@phihongusa.com
Internet: http://www.phihongusa.com
Phihong East:
3312 7th Street, Suite 101
Whitehall, PA 18052
Phone: (610) 434-4856
Fax: (610) 434-4857
Phihong Southwest:
3325 Cochran St., Suite 200
Simi Valley, CA 93063
Phone: (805) 520-8177
Fax: (805) 520-3907
INPUT:
AC Input Voltage
90 to 264 VAC
AC Input Frequency
47 to 63Hz
AC Input Current
0.4Arms (115VAC)
0.2Arms (230VAC)
AC Inrush Current (Cold Start, 25°C)
40A max.
Efficiency
70% typical
OUTPUT:
Hold-up Time
10ms Full load, 120VAC
Overcurrent Protection
>Short Circuit, Auto Restart
ENVIRONMENTAL:
Operation Temperature
(Convection)
0 to 40°C
Storage Temperature
-20 to +85°C
Characteristics
Dimension Diagram Unit: mm (inch)
Humidity
10 to 90% RH (Non-condensing)
Emissions
FCC Class B
EN 55022
Immunity
IEC 1000-4-2, Level 3
IEC 1000-4-3, Level 2
IEC 1000-4-4, Level 4
GENERAL:
Leakage Current
<0.25mA (240VAC)
Dielectric Withstand (Hipot)
Input>Output
3000VAC, 1 min., 10mA
Switching Frequency:
50KHz (typical)
MTBF (Full Load, 25°C)
100K Hrs. Minimum
MIL-HDBK-217F
DC Output Connector
2.1mm x 5.5mm Coaxial Plug;
Center Positive Standard
18 Watt - Low Cost Linear Eliminator
PSS-18A North American Plug Series


Similar Part No. - PSS-18A-090

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSS-100-10 WALL-PSS-100-10 Datasheet
152Kb / 3P
   100 Watt Single Output AC/DC Power Supply
PSS-100-12 WALL-PSS-100-12 Datasheet
152Kb / 3P
   100 Watt Single Output AC/DC Power Supply
PSS-100-15 WALL-PSS-100-15 Datasheet
152Kb / 3P
   100 Watt Single Output AC/DC Power Supply
PSS-100-18 WALL-PSS-100-18 Datasheet
152Kb / 3P
   100 Watt Single Output AC/DC Power Supply
PSS-100-24 WALL-PSS-100-24 Datasheet
152Kb / 3P
   100 Watt Single Output AC/DC Power Supply
More results

Similar Description - PSS-18A-090

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC15A-050S PHIHONG-PSC15A-050S Datasheet
126Kb / 2P
   15 Watt - Low Cost Linear Eliminator
PSC10A-050S PHIHONG-PSC10A-050S Datasheet
124Kb / 2P
   10 Watt - Low Cost Linear Eliminator
PSAA05A-050 PHIHONG-PSAA05A-050 Datasheet
261Kb / 3P
   5W Low Cost Linear Eliminator
PSAC05A-050L6 PHIHONG-PSAC05A-050L6 Datasheet
3Mb / 3P
   5W Low Cost Linear Eliminator PSAC05 Adapters Meets Level VI Requirements
logo
Nuvotem Talema
DJ-500 TALEMA-DJ-500 Datasheet
116Kb / 2P
   Low Cost Linear Storage Chokes
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
   Low-Cost Watt-Hour Energy Meter
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
logo
SL Power Electronics
GLC40 SLPOWER-GLC40 Datasheet
272Kb / 2P
   40 WATT GLOBAL PERFORMANCE LOW COST SWITCHERS
logo
Eutech Microelectronics...
EUP8051 EUTECH-EUP8051 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051A EUTECH-EUP8051A Datasheet
487Kb / 15P
   Low Cost 1A Linear Battery Charge Controllers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com