Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-155-T-SFC3-55-G5 Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-13-155-T-SFC3-55-G5
Description  155 Mbps Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T-SFC3-55-G5 Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-13-155-T-SFC3-55-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T-SFC3-55-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T-SFC3-55-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T-SFC3-55-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T-SFC3-55-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T-SFC3-55-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-T-SFC3-55-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-155-T-SFC3-55-G5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
155 Mbps Single Mode Transceiver
C-13-155-T-Sxx3(-55)-G5
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1930-Aug0508
Rev A.0
Features
• Duplex SC\ST\FC Single Mode Transceiver
• Industry Standard 1x9 Footprint
• Intermediate reach SONET OC-3 SDH STM-1 Compliant
• Single +5V Power Supply
• PECL/LVPECL Differential Inputs and Outputs
• PECL/LVPECL Signal Detection Output
• Wave Solderable and Aqueous Washable
• LED Multisourced 1x9 Transceiver Interchangeable
• Class 1 Laser Int. Safety Standard IEC 825 compliant
• Uncooled laser diode with MQW structure
• Complies with Telcordia (Bellcore) GR-468-CORE
• ATM 155 Mbps links
• RoHS compliant
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
6
V
Output Current
Iout
-
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage1
Vcc
4.75
5
5.25
V
Operating Temperature1 (Case)
Topr
0
70
ºC
Data Rate
-
-
155
-
Mbps
Note 1 : Please refer to ordering information
Recommended Operating Condition
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-15
-
-8
dBm
Output power is coupled into a 9/125 µm
single mode fiber
Output center Wavelength
λ
1261
1310
1360
nm
Output Spectrum Width
λ
7.7
nm
RMS(
σ)
Extinction Ratio
ER
8.2
-
-
dB
Output ulse Mask
Compliant with FDDI SMF-PMD1
Output Eye
Compliant with ITU-T recommendation G.957
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Measured with 223-1 PRBS with 72 ones and
72 zeros.
Transmitter Specifications


Similar Part No. - C-13-155-T-SFC3-55-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3-G5 SOURCE-C-13-155-T-SSC3-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3A SOURCE-C-13-155-T-SSC3A Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3A-G5 SOURCE-C-13-155-T-SSC3A-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3B SOURCE-C-13-155-T-SSC3B Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
More results

Similar Description - C-13-155-T-SFC3-55-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
SPS-3380W_2015 OPTOWAY-SPS-3380W_2015 Datasheet
150Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com