Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2237CUH Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2237CUH
Description  10-Bit, 65/40/25Msps Low Noise 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2237CUH Datasheet(HTML) 3 Page - Linear Technology

  LTC2237CUH Datasheet HTML 1Page - Linear Technology LTC2237CUH Datasheet HTML 2Page - Linear Technology LTC2237CUH Datasheet HTML 3Page - Linear Technology LTC2237CUH Datasheet HTML 4Page - Linear Technology LTC2237CUH Datasheet HTML 5Page - Linear Technology LTC2237CUH Datasheet HTML 6Page - Linear Technology LTC2237CUH Datasheet HTML 7Page - Linear Technology LTC2237CUH Datasheet HTML 8Page - Linear Technology LTC2237CUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2238/LTC2237/LTC2236
3
223876fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
2.7V < VDD < 3.4V (Note 7)
±0.5V to ±1V
V
VIN,CM
Analog Input Common Mode (AIN+ + AIN–)/2
Differential Input (Note 7)
1
1.5
1.9
V
Single Ended Input (Note 7)
0.5
1.5
2
V
IIN
Analog Input Leakage Current
0V < AIN+, AIN– < VDD
–1
1
µA
ISENSE
SENSE Input Leakage
0V < SENSE < 1V
–3
3
µA
IMODE
MODE Pin Leakage
–3
3
µA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
0.2
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
Full Power Bandwidth
Figure 8 Test Circuit
575
MHz
The
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
LTC2238
LTC2237
LTC2236
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input
61.8
61.8
61.8
dB
12.5MHz Input
60
61.8
dB
20MHz Input
60
61.8
dB
30MHz Input
60
61.8
dB
70MHz Input
61.7
61.7
61.6
dB
140MHz Input
61.6
61.6
61.6
dB
SFDR
5MHz Input
85
85
85
dB
12.5MHz Input
69
85
dB
20MHz Input
69
85
dB
30MHz Input
69
85
dB
70MHz Input
85
85
85
dB
140MHz Input
80
80
80
dB
5MHz Input
85
85
85
dB
12.5MHz Input
75
85
dB
20MHz Input
75
85
dB
30MHz Input
74
85
dB
70MHz Input
85
85
85
dB
140MHz Input
85
85
85
dB
S/(N+D)
5MHz Input
61.8
61.8
61.8
dB
12.5MHz Input
60
61.8
dB
20MHz Input
60
61.6
dB
30MHz Input
60
61.8
dB
70MHz Input
61.7
61.6
61.6
dB
140MHz Input
61.6
61.6
61.5
dB
IMD
fIN1 = 28.2MHz,
80
80
80
dB
fIN2 = 26.8MHz
A ALOG I PUT
DY A IC ACCURACY
The
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
Signal-to-Noise
Plus Distortion
Ratio
Intermodulation
Distortion
Spurious Free
Dynamic Range
2nd or 3rd
Harmonic
Spurious Free
Dynamic Range
4th Harmonic
or Higher


Similar Part No. - LTC2237CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2237 LINER-LTC2237_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
More results

Similar Description - LTC2237CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2236 LINER-LTC2236_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2237 LINER-LTC2237_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288 Datasheet
875Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2286 LINER-LTC2286_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com