Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-T40B-32Y Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-T40B-32Y
Description  10.20mm (0.40) Three digit numeric display series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-T40B-32Y Datasheet(HTML) 2 Page - BetLux Electronics

  BL-T40B-32Y Datasheet HTML 1Page - BetLux Electronics BL-T40B-32Y Datasheet HTML 2Page - BetLux Electronics BL-T40B-32Y Datasheet HTML 3Page - BetLux Electronics BL-T40B-32Y Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
  
LED NUMERIC DISPLAY, 3 DIGIT
BL-T40X-32
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25
)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
n
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
UB
UW
Unit
Forward Current IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Ma x.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-T40B-32Y

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T40B-31B BETLUX-BL-T40B-31B Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T40B-31D BETLUX-BL-T40B-31D Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T40B-31E BETLUX-BL-T40B-31E Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T40B-31G BETLUX-BL-T40B-31G Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T40B-31PG BETLUX-BL-T40B-31PG Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
More results

Similar Description - BL-T40B-32Y

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T40M-31 BETLUX-BL-T40M-31 Datasheet
327Kb / 5P
   10.20mm (0.40) Three digit numeric display series
BL-D40A-23 BETLUX-BL-D40A-23 Datasheet
329Kb / 5P
   10.20mm (0.40) Dual digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BT-M402RD BRIGHT-BT-M402RD Datasheet
147Kb / 3P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
BT-C403ND BRIGHT-BT-C403ND Datasheet
78Kb / 1P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
logo
BetLux Electronics
BL-DS40A-21 BETLUX-BL-DS40A-21 Datasheet
175Kb / 4P
   10.20mm (0.40) Dual digit numeric display series. SMD TYPE
logo
Ningbo Foryard Optoelec...
FYT-4031CX-00 FORYARD-FYT-4031CX-00 Datasheet
480Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
logo
BRIGHT LED ELECTRONICS ...
BT-M405RD BRIGHT-BT-M405RD Datasheet
245Kb / 3P
   10.20mm(0.40) high three digit seven segments display
logo
BetLux Electronics
BL-T40C-31 BETLUX-BL-T40C-31 Datasheet
311Kb / 5P
   10.20mm (0.40) Three digit Seven Segment LED display series
logo
Lucky Light Electronic
KW3-401 LUCKY-LIGHT-KW3-401 Datasheet
52Kb / 1P
   LED Numeric Display Three Digit (0.40)
KW3-402 LUCKY-LIGHT-KW3-402 Datasheet
50Kb / 1P
   LED Numeric Display Three Digit (0.40)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com