Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB0805470MZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDB0805470MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB0805470MZF Datasheet(HTML) 3 Page - Superworld Electronics

  PDB0805470MZF Datasheet HTML 1Page - Superworld Electronics PDB0805470MZF Datasheet HTML 2Page - Superworld Electronics PDB0805470MZF Datasheet HTML 3Page - Superworld Electronics PDB0805470MZF Datasheet HTML 4Page - Superworld Electronics PDB0805470MZF Datasheet HTML 5Page - Superworld Electronics PDB0805470MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10
10
10
10
10
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
56
7
23
4
01
DC CURRENT (A)
30
10
0
20
50
40
(°C)
t
60
(uH)
L
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
70
80
90
100M
101M
331M
470M
3R3M
PG. 3
01.05.2008
FREQUENCY(MHZ)
DC CURRENT (A)
331M
331M
(uH)
3R3M
3
3
3
-2
-3
35
10
-1
10
5
3
0
10
5
-1
10
0
5
10
5101 3
35
2
100M
3
5
1
470M
101M
5
2
3
L
3
3R3M
10
3
-2
510
10-3
3
10-1
5
3
-1
10
35
10
0
5
35
0 35 101
102
100M
3
5
101
470M
101M
5
102
3
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
5
5
3
3
4
5
5
103
3
104
SMD POWER INDUCTORS
6. ELECTRICAL CHARACTERISTICS :
PDB0805 SERIES


Similar Part No. - PDB0805470MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB081-P10-103B3 BOURNS-PDB081-P10-103B3 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB081-P11-103B3 BOURNS-PDB081-P11-103B3 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB081-P40-103B3 BOURNS-PDB081-P40-103B3 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB081-P41-103B3 BOURNS-PDB081-P41-103B3 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
More results

Similar Description - PDB0805470MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com