Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-129-TDFB-SSC5E Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # C-129-TDFB-SSC5E
Description  155 Mbps CWDM Laser Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-129-TDFB-SSC5E Datasheet(HTML) 5 Page - Source Photonics, Inc.

  C-129-TDFB-SSC5E Datasheet HTML 1Page - Source Photonics, Inc. C-129-TDFB-SSC5E Datasheet HTML 2Page - Source Photonics, Inc. C-129-TDFB-SSC5E Datasheet HTML 3Page - Source Photonics, Inc. C-129-TDFB-SSC5E Datasheet HTML 4Page - Source Photonics, Inc. C-129-TDFB-SSC5E Datasheet HTML 5Page - Source Photonics, Inc. C-129-TDFB-SSC5E Datasheet HTML 6Page - Source Photonics, Inc. C-129-TDFB-SSC5E Datasheet HTML 7Page - Source Photonics, Inc. C-129-TDFB-SSC5E Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
155 Mbps CWDM Laser Single Mode Transceiver
C-1XX-155-TDFB(3)-SSC5(9)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1505-Dec0705
rev. A.0
Recommended Circuit Schematic
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.
1
2
3
4
5
9
7
8
6
Rx Vcc
Tx Vcc
Transceiver
Top view
No internal
connection
No internal
connection
C2
C1
C4
L2
C3
L1
Rx Vcc
Tx Vcc
Vcc
Tx Vcc
Rx Vcc
RD +
RD -
SD
TD +
TD -
R8
R10
R9
R7
C6
C5
R1
R3
R2
R4
R5
R6
Notes +3.3V:
R1=R3=R5=R7=R9=130
R2=R4=R6=R8=R10=82
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
Notes +5V:
R1=R3=R5=R7=R9=82
R2=R4=R6=R8=R10=130
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H


Similar Part No. - C-129-TDFB-SSC5E

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-129-1250-FDFB-SLC2 SOURCE-C-129-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-129-1250-FDFB-SLC2-G5 SOURCE-C-129-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-129-1250-FDFB-SLC3 SOURCE-C-129-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-129-1250-FDFB-SLC3-G5 SOURCE-C-129-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-129-1250-FDFB-SLC4 SOURCE-C-129-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-129-TDFB-SSC5E

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G Datasheet
152Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33100-CXX0G OPTOWAY-SPS-33100-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33160-CXX0G OPTOWAY-SPS-33160-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com