Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-S230E-11UEUG-23 Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-S230E-11UEUG-23
Description  LED NUMERIC DISPLAY, 1 DIGIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S230E-11UEUG-23 Datasheet(HTML) 1 Page - BetLux Electronics

  BL-S230E-11UEUG-23 Datasheet HTML 1Page - BetLux Electronics BL-S230E-11UEUG-23 Datasheet HTML 2Page - BetLux Electronics BL-S230E-11UEUG-23 Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
LED NUMERIC DISPLAY, 1 DIGIT
BL-S230X-11XX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
56.80mm (2.3”) single digit numeric display series, BI-COLOR TYPE
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common
Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd)
Super Red
AlGaInP
660
2.10
2.50
150
BL-S230E-11SG-XX
BL-S230F-11SG-XX
Green
GaP/GaP
570
2.20
2.50
165
Orange
GaAsP/Ga
P
635
2.10
2.50
165
BL-S230E-11EG-XX
BL-S230F-11EG-XX
Green
GaP/GaP
570
2.20
2.50
165
Ultra Red
AlGaInP
660
2.10
2.50
220
BL-S230E-11DUG-X
X
BL-S230F-11DUG-X
X
Ultra Green
AlGaInP
574
2.20
2.50
220
Ultra Orange
AlGaInP
630
2.10
2.50
170
BL-S230E-11UEUG-
XX
BL-S230F-11UEUG-
XX
Ultra Green
AlGaInP
574
2.20
2.50
220
-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused
Absolute maximum ratings (Ta=25°C)
Parameter
S
G
E
D
UG
UE
U
nit
Forward Current
IF
30
30
30
30
30
30
mA
Power Dissipation Pd
75
80
80
75
75
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-S230E-11UEUG-23

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S230E-11UR-0 BETLUX-BL-S230E-11UR-0 Datasheet
84Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S230E-11UR-1 BETLUX-BL-S230E-11UR-1 Datasheet
84Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S230E-11UR-10 BETLUX-BL-S230E-11UR-10 Datasheet
84Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S230E-11UR-11 BETLUX-BL-S230E-11UR-11 Datasheet
84Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S230E-11UR-12 BETLUX-BL-S230E-11UR-12 Datasheet
84Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S230E-11UEUG-23

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S30A-15S BETLUX-BL-S30A-15S Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S30C-11S BETLUX-BL-S30C-11S Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S36A-11S BETLUX-BL-S36A-11S Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S180E-11S BETLUX-BL-S180E-11S Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S200A-11S BETLUX-BL-S200A-11S Datasheet
87Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S230C-11S BETLUX-BL-S230C-11S Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S300A-11S BETLUX-BL-S300A-11S Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S400C-11S BETLUX-BL-S400C-11S Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S400G-11S BETLUX-BL-S400G-11S Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S80A-15S BETLUX-BL-S80A-15S Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S80C-11S BETLUX-BL-S80C-11S Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com