Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AS298AD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS298AD
Description  QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS298AD Datasheet(HTML) 4 Page - Texas Instruments

  SN74AS298AD Datasheet HTML 1Page - Texas Instruments SN74AS298AD Datasheet HTML 2Page - Texas Instruments SN74AS298AD Datasheet HTML 3Page - Texas Instruments SN74AS298AD Datasheet HTML 4Page - Texas Instruments SN74AS298AD Datasheet HTML 5Page - Texas Instruments SN74AS298AD Datasheet HTML 6Page - Texas Instruments SN74AS298AD Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN74AS298A
QUADRUPLE 2-INPUT MULTIPLEXER
WITH STORAGE
SDAS219B – DECEMBER 1983 – REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
fmax
62
MHz
tPLH
CLK
Q
2
9
ns
tPHL
CLK
Q
1
11
ns
APPLICATION INFORMATION
This versatile multiplexer can be connected to operate as a shift register that can shift n places in a single clock pulse.
Figure 1 illustrates a BCD shift register that shifts an entire 4-bit BCD digit in one clock pulse.
1, 2D
1, 2D
1, 2D
1, 2D
1, 2D
1, 2D
SN74AS298A
Digit 1
Digit 2
Digit 3
Parallel Load
WS
CLK
A1
A2
B1
B2
C1
C2
D1
D2
A1
A2
B1
B2
C1
C2
D1
D2
A1
A2
B1
B2
C1
C2
D1
D2
G1
C2
G1
C2
G1
C2
MUX
MUX
MUX
QA
QB
QC
QD
QA
QB
QC
QD
QA
QB
QC
QD
SN74AS298A
SN74AS298A
Figure 1. BCD Shift Register
When WS is high and the registers are clocked, the content of register 1 is transferred (shifted) to register 2, etc.,
effectively shifting the BCD digits one position. This application also retains a parallel-load capability, which means
that new BCD data can be entered into the entire register with one clock pulse. This arrangement can be modified
to perform the shifting of binary data for any number of bit locations.
Another function that can be implemented is a register designed specifically for supporting multiplier or division
operations (see Figure 2).
When WS is low and the register is clocked, the outputs of the arithmetic / logic units (ALUs) are shifted one place.
When WS is high and the registers are clocked, the data is shifted two places.


Similar Part No. - SN74AS298AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS20 TI-SN74AS20 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74AS20 TI-SN74AS20 Datasheet
114Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74AS20D TI-SN74AS20D Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74AS20D TI-SN74AS20D Datasheet
114Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74AS20D TI1-SN74AS20D Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74AS298AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54298 TI-SN54298 Datasheet
483Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
SN54LS399 TI-SN54LS399 Datasheet
144Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
SN54LS399 TI-SN54LS399_07 Datasheet
942Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
logo
Hitachi Semiconductor
HD74LS298 HITACHI-HD74LS298 Datasheet
64Kb / 6P
   Quadruple 2-input Multiplexers(with storage)
HD74AC298 HITACHI-HD74AC298 Datasheet
58Kb / 10P
   Quad 2-Input Multiplexer with Storage
logo
NXP Semiconductors
74F298 PHILIPS-74F298 Datasheet
78Kb / 8P
   Quad 2-input multiplexer with storage
1989 Aug 14
logo
Motorola, Inc
SN54LS298 MOTOROLA-SN54LS298 Datasheet
187Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH STORAGE
logo
NXP Semiconductors
HEF4019B PHILIPS-HEF4019B Datasheet
40Kb / 4P
   Quadruple 2-input multiplexer
January 1995
HEF4519B PHILIPS-HEF4519B Datasheet
41Kb / 4P
   Quadruple 2-input multiplexer
January 1995
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
   QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com