Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC-GB-YX-43TDA Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPC-GB-YX-43TDA
Description  60 km CWDM GbE SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-GB-YX-43TDA Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPC-GB-YX-43TDA Datasheet HTML 1Page - Source Photonics, Inc. SPC-GB-YX-43TDA Datasheet HTML 2Page - Source Photonics, Inc. SPC-GB-YX-43TDA Datasheet HTML 3Page - Source Photonics, Inc. SPC-GB-YX-43TDA Datasheet HTML 4Page - Source Photonics, Inc. SPC-GB-YX-43TDA Datasheet HTML 5Page - Source Photonics, Inc. SPC-GB-YX-43TDA Datasheet HTML 6Page - Source Photonics, Inc. SPC-GB-YX-43TDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
60 km CWDM GbE SFP Transceiver
SPC-GB-YX-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1541-FEB2307
rev. A.1
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Input Differential Impedence
Rin
80
100
120
Ω
PECL Single Ended Data Input Swing
Vin,p-p
250
-
1200
mV
TxFault_Fault
Vfault
2
-
Vcc
V
TxFault_Normal
Vnormal
Vee
-
Vee+0.5
V
TxDisable_Disable
Vd
2
-
Vcc
V
TxDisable_Enable
Ven
Vee
-
Vee+0.8
V
Transmitter Specifications (Electical)
Parameter
Symbol
Min
Typical
Max
Unit
Receive Power Lowf
Rsens,low
-
-26
-24
dBm
Receive Power Highf
Rsens,high
-3
0
-
dBm
Damage Threshold For Receiver
Pin,damage
6
-
-
dBm
Wavelength
λ
1200
-
1625
nm
Reflection tolerance
RX_r
-
-
-12
dB
LOS Assert
-34
-
-
dBm
LOS De-assert
-
-
-25
dBm
LOS Hysteresis
0.5
-
-
dB
Receiver Specifications
Parameter
Symbol
Min
Typical
Max
Unit
PECL Single Ended Data Output Swing
Vout, p-p
185
-
800
mV
Data Output Rise Time
tr
-
-
320
ps
Data Output Fall Time
tf
-
-
320
ps
Electrical Output
Parameter
Symbol
Min
Typical
Max
Unit
Tx Disable Negate Time
t_on
-
-
1
ms
Tx Disable Assert Time
t_off
-
-
10
µs
Initial Turn-on Time after power-up
t_power-up
-
TBD
60
sec
Time To Initialize, Including Reset Of Tx Fault
t_init
-
-
300
ms
Tx Fault Assert Time
t_fault
-
-
100
µs
Tx Disable To Reset
t_reset
10
-
-
µs
LOS Assert Time
t_loss_on
-
-
100
µs
LOS De-assert Time
t_loss_off
-
-
100
µs
Serial ID Clock Rate
f_serial_clock
2
-
100
KHz
RX_LOS Voltage (High)
2
-
Vcc
V
RX_LOS Voltage (Low)
-
-
0.8
V
Receiver Jitter Deterministic
JD, receive
-
-
170
ps
Receiver Jitter Random
JR, receive
-
-
96
ps
MOD_DEF (0:2)-High
VH
2
-
Vcc
V
MOD_DEF (0:2)-Low
VL
Vee
-
Vee+0.5
V
LOS Output Voltage-Fault
VLOS fault
2
-
Vcc
V
LOS Output Voltage-Normal
VLOSnormal
Vee
-
Vee+0.55
V
Timing and Electrical
f)at 10-12 BER,27 -1 PRBS,nominal wavelength


Similar Part No. - SPC-GB-YX-43TDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27CNA SOURCE-SPC-GB-EZX-27CNA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27TDA SOURCE-SPC-GB-EZX-27TDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27TNA SOURCE-SPC-GB-EZX-27TNA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-29CDA SOURCE-SPC-GB-EZX-29CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
More results

Similar Description - SPC-GB-YX-43TDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-XD-31CDA SOURCE-SPC-GB-XD-31CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-ZX-31CDA SOURCE-SPC-GB-ZX-31CDA Datasheet
513Kb / 8P
   CWDM 80 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
   CWDM 120 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
SPC-48-IR-31CDA SOURCE-SPC-48-IR-31CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
logo
Finisar Corporation.
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
logo
Optoway Technology Inc
SPS-2371W-C470G OPTOWAY-SPS-2371W-C470G Datasheet
197Kb / 6P
   10.3 Gbps / 70 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-CXX0G OPTOWAY-SPS-2341W-CXX0G Datasheet
208Kb / 7P
   10.3 Gbps / 40 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com