Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC-48-IR-33CNA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPC-48-IR-33CNA
Description  CWDM 50 Km OC-48/STM-16 SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-48-IR-33CNA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPC-48-IR-33CNA Datasheet HTML 1Page - Source Photonics, Inc. SPC-48-IR-33CNA Datasheet HTML 2Page - Source Photonics, Inc. SPC-48-IR-33CNA Datasheet HTML 3Page - Source Photonics, Inc. SPC-48-IR-33CNA Datasheet HTML 4Page - Source Photonics, Inc. SPC-48-IR-33CNA Datasheet HTML 5Page - Source Photonics, Inc. SPC-48-IR-33CNA Datasheet HTML 6Page - Source Photonics, Inc. SPC-48-IR-33CNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1536-FEB2706
rev. A.0
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
-5
-2.5
0
dBm
Average Launch Power Of Off Tx
Poff
-
-
-30
dBm
Extinction Ratio
ER
8.2
-
-
dB
Eye Mask
-
-
-
SONET/SDH compliant
Optical Jitter Generation
Jgen
-
-
0.007
UI
Optical Rise Timeb
tr
-
-
160
ps
Optical Fall Timeb
tf
-
160
ps
Mean Wavelength
λ
1xxx-6.5nm
1xxx
1xxx+6.5nm
nm
Spectral Width (20dB)
∆λ20
-
-
1
nm
Dispersion Penalty (50 Km)c
dp
-
0.5
1
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflection Toleranced
rp
-24
-
-
dB
Transmitter Specifications (Optical)
Features
• Single 3.3 V supply
• 15 dB min, 19.5 typical link budget
• 50 km reach
• Commerical and Reduced Industrial temperature available
• CWDM wavelength, DFB Laser
• SFP MSA SFF-8074i compliant
• Digital Diagnostic SFF-8472 compliant
• Telcordia GR-468 compliant
• RoHS 5/6 compliant (Lead Exemption)
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
Icc
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Case Temperature(-Cxx)
Top
-5
-
70
ºC
Operating Case Temperature(-Rxx)
Top
-20
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate OC-48/STM-16
DR
-
2488.32
-
Mbps
General Operating
b) 20%-80% values
c) Measured at BER of 1e-10, PRBS of 223-1, at eye center
d) 1 dB degradation of receiver sensitivity
a) 20Hz to 155MHz


Similar Part No. - SPC-48-IR-33CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-31CNA SOURCE-SPC-48-LR-31CNA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-31RDA SOURCE-SPC-48-LR-31RDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-31RNA SOURCE-SPC-48-LR-31RNA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-33CDA SOURCE-SPC-48-LR-33CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
More results

Similar Description - SPC-48-IR-33CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SP-48-IR1-CDA SOURCE-SP-48-IR1-CDA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-SR1-CDA SOURCE-SP-48-SR1-CDA Datasheet
512Kb / 6P
   OC-48 SR-1/STM-16 I-16 SFP Transceiver
logo
Finisar Corporation.
FTRJ1321P1WTL FINISAR-FTRJ1321P1WTL Datasheet
673Kb / 11P
   OC-48 SR/STM I-16 Multirate Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SP-48-IR2-CDA SOURCE-SP-48-IR2-CDA Datasheet
472Kb / 7P
   OC-48 IR-2/STM-16 S-16.2 SFP Transceiver
logo
Finisar Corporation.
FTLF1321P1TL FINISAR-FTLF1321P1TL Datasheet
687Kb / 11P
   OC-48 SR/STM I-16 RoHS Compliant Pluggable SFP Transceiver
FTLF1321P1WTL FINISAR-FTLF1321P1WTL Datasheet
700Kb / 11P
   OC-48 SR/STM I-16 RoHS Compliant Pluggable SFP Transceiver
logo
OPLINK Communications I...
TRPE48-E2G OPLINK-TRPE48-E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com