Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-137-155C-FDFB-SLC5-G5 Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # C-137-155C-FDFB-SLC5-G5
Description  155 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-137-155C-FDFB-SLC5-G5 Datasheet(HTML) 5 Page - Source Photonics, Inc.

  C-137-155C-FDFB-SLC5-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-137-155C-FDFB-SLC5-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-137-155C-FDFB-SLC5-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-137-155C-FDFB-SLC5-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-137-155C-FDFB-SLC5-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-137-155C-FDFB-SLC5-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-137-155C-FDFB-SLC5-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-137-155C-FDFB-SLC5-G5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
155 Mbps Single Mode SFF LC Transceiver
C-1XX-155(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS850-Apr0706
Rev A.2
LUMINENTOIC.COM
(1.921)
48.8
17
050
712
(0.039±0.002)
100�005
1050
(0.413)
177
(0.700)
(0.070)
(0.020)
(1.921)
48.8
+(000)
-(0.008)
-.
+
50
-(0.008)
+(000)
+
-.
(0.280)
(0.200)
625
(0.246)
Units: mm (inches)
Package Diagram
C-1XX-155(C)-FDFB-SLCX
C-1XX-155(C)-FDFB-SLCXS
1.00�0.05
17.78
10.50
(0.413)
(0.039±0.002)
(0.700)
7.12
(0.070)
(0.020)
1.78
0.50
(0.280)
5.08
(0.200)
6.25
(0.246)
(1.921)


(0.274)
(0.155)
�
(0.531)
+
-
+(.000)
-(0.008)
Units: mm (inches)
Case with metal Shielding Finger


Similar Part No. - C-137-155C-FDFB-SLC5-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-137-1250-FDFB-SLC2 SOURCE-C-137-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-137-1250-FDFB-SLC2-G5 SOURCE-C-137-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-137-1250-FDFB-SLC3 SOURCE-C-137-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-137-1250-FDFB-SLC3-G5 SOURCE-C-137-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-137-1250-FDFB-SLC4 SOURCE-C-137-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-137-155C-FDFB-SLC5-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com