Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ944-1AH-5DE Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ944-1AH-5DE
Description  16 AMP LOW PROFILE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ944-1AH-5DE Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ944-1AH-5DE Datasheet HTML 1Page - American Zettler, Inc. AZ944-1AH-5DE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 300 W, 2000 VA (SPST)
150 W, 1250 VA (SPDT)
Max. switched current: 16 A (SPST), 10 A (SPDT)
Max. switched voltage: 250 VAC/125 VDC*
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
UL, CUR
16 A at 125 VAC, resistive
SPST
8 A at 250 VAC, resistive
10 A at
30 VDC, resistive
1
/4 HP 125 VAC
1
/10 HP 277 VAC
SPDT
10 A at 125 VAC, resistive
5 A at 277 VAC, 30 VDC, resistive
1
/10 HP 277 VAC
Material
Silver cadmium oxide
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 10 A 120 VAC Res.
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
4 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1500 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms contact to contact
Insulation
100 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F), Form C
-40°C (-40°F) to 95°C (203°F), Form A
Storage
-40°C (-40°F) to 115°C (239°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
8 grams
9/19/02W
AZ944
16 AMP LOW PROFILE
POWER RELAY
FEATURES
• High power switching (2000 VA)
• High sensitivity, 128 mW pickup
• Low profile (less than .5" height)
• SPST (1 Form A), SPDT (1 Form C)
• DC coils up to 100 VDC
• Class B (130°C) and Class F (155°C)
insulation systems available
• UL, CUR file E44211
COIL
Power
At Pickup Voltage
Form A: 128 mW
(typical)
Form C: 256 mW
Max. Continuous
Dissipation
1.5 W at 20°C (68°F)
Temperature Rise
Form A: 16°C (29°F) at nominal coil voltage
Form C: 28°C (50°F) at nominal coil voltage
Temperature
Max. 115°C (239°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ944-1AH-5DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ944-1AH-5D ZETTLER-AZ944-1AH-5D Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
More results

Similar Description - AZ944-1AH-5DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ948 ETC-AZ948 Datasheet
48Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481F AZETTLER-AZ9481F Datasheet
105Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ936 ETC2-AZ936 Datasheet
42Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com