Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-MR-SR1-RNA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SP-MR-SR1-RNA
Description  Multi-Rate SFP Transceiver(SR1)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-MR-SR1-RNA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SP-MR-SR1-RNA Datasheet HTML 1Page - Source Photonics, Inc. SP-MR-SR1-RNA Datasheet HTML 2Page - Source Photonics, Inc. SP-MR-SR1-RNA Datasheet HTML 3Page - Source Photonics, Inc. SP-MR-SR1-RNA Datasheet HTML 4Page - Source Photonics, Inc. SP-MR-SR1-RNA Datasheet HTML 5Page - Source Photonics, Inc. SP-MR-SR1-RNA Datasheet HTML 6Page - Source Photonics, Inc. SP-MR-SR1-RNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Multi-Rate SFP Transceiver(SR1)
SP-MR-SR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1526-Jan2308
Rev A.2
LUMINENTOIC.COM
Features
• Single 3.3 V supply
• 10 dB minimum link budget
• 2 km reach
• Commercial, Reduced and Industrial temperature available
• 1310nm FP laser
• Fibre Channel 100-SM-LC-L compliant
• Fibre Channel 200-SM-LC-L compliant
• Gigabit Ethernet 802.3ah 1000BASE-LX compliant
• SFP MSA SFF-8074i compliant
• GR 253/STM G.957 compliant
• Digital Diagnostic SFF-8472 Rev.9.3 compliant
• Telcordia GR-468 compliant
• Color coded bail latch tube : Grey
• RoHS compliant
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
ICC
-
-
300
mA
Power Supply Noise Rejectiona
100
-
-
mVp-p
Operating Temperature (-CxA)
Top
-5
-
70
ºC
Operating Temperature (-RxA)
Top
-20
-
85
ºC
Operating Temperature (-TxA)
Top
-40
-
85
ºC
Storage Temperature
Tstg
-40
-
85
ºC
Data Rate
DR
100
-
2700
Mbps
a) 20Hz to 155MHz
General Operating
Parameter
Symbol
Min
Typical
Max
Unit
Optical power
Pop
-10
-6
-3
dBm
Average Launch power of off Tx
Poff
-
-
-45
dBm
Extinction Ratio
ER
9
-
-
dB
Eye Mask
IEEE 802.3z, SONET/SDH compliant
Optical Jitter generation
Jgen
-
-
0.007
UI
Optical Rise timeb
tr
-
-
160
ps
Optical Fall timeb
tf
-
-
160
ps
Mean Wavelength
λ
1266
1310
1360
nm
Spectral width (RMS)
Δλ
-
-
4
nm
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflectance Tolerancec
rp
-24
-
-
dB
b) 20%-80% values
c) 1 dB degradation of receiver sensitivity
Transmitter Specifications, Optical


Similar Part No. - SP-MR-SR1-RNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-SR1-IDFD SOURCE-SP-MR-SR1-IDFD Datasheet
256Kb / 9P
   Support 614.4 - 2457.6Mbps CPRI multi rate
More results

Similar Description - SP-MR-SR1-RNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
SP-MR-LR2-CDA SOURCE-SP-MR-LR2-CDA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
SP-MR-LR1 SOURCE-SP-MR-LR1 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR1)
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
SP-MR-LR2 SOURCE-SP-MR-LR2 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR2)
SP-MR-IR2-CDA SOURCE-SP-MR-IR2-CDA Datasheet
499Kb / 5P
   Multi-Rate SFP Transceiver(IR2)
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com