Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCHG162282DBB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALVCHG162282DBB
Description  18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCHG162282DBB Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVCHG162282DBB Datasheet HTML 1Page - Texas Instruments SN74ALVCHG162282DBB Datasheet HTML 2Page - Texas Instruments SN74ALVCHG162282DBB Datasheet HTML 3Page - Texas Instruments SN74ALVCHG162282DBB Datasheet HTML 4Page - Texas Instruments SN74ALVCHG162282DBB Datasheet HTML 5Page - Texas Instruments SN74ALVCHG162282DBB Datasheet HTML 6Page - Texas Instruments SN74ALVCHG162282DBB Datasheet HTML 7Page - Texas Instruments SN74ALVCHG162282DBB Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN74ALVCHG162282
18-BIT TO 36-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES094C – FEBRUARY 1997 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D EPIC™ (Enhanced-Performance Implanted
CMOS) Sub-Micron Process
D A-Port Outputs Have Equivalent 50-Ω
Series Resistors and B-Port Outputs Have
Equivalent 20-
Ω Series Resistors, So No
External Resistors Are Required
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Bus-Hold On Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Packaged in Thin Very Small-Outline
Package
NOTE: For order entry:
The DBB package is abbreviated to G.
For tape and reel:
The DBBR package is abbreviated to GR.
description
The SN74ALVCHG162282 is an 18-bit to 36-bit
registered bus exchanger. This device is intended
for use in applications where data must be
transferred from a narrow high-speed bus to a
wide
lower-frequency
bus.
It
is
designed
specifically for low-voltage (3.3-V) VCC operation.
The device provides synchronous data exchange
between the two ports. Data is stored in the
internal registers on the low-to-high transition of
the clock (CLK) input. For data transfer in the
B-to-A direction, the select (SEL) input selects 1B
or 2B data for the A outputs.
For data transfer in the A-to-B direction, a
two-stage pipeline is provided in the 1B path, with
a single storage register in the 2B path. Data flow
is controlled by the active-low output-enable (OE)
and direction-control (DIR) input. DIR is registered
to synchronize the bus direction changes with the
clock.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus and EPIC are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
VCC
GND
2B9
1B9
2B8
GND
1B8
2B7
1B7
VCC
2B6
1B6
2B5
1B5
GND
2B4
1B4
2B3
1B3
VCC
GND
2B2
1B2
2B1
1B1
VCC
A1
A2
A3
GND
A4
A5
A6
VCC
A7
A8
A9
GND
CLK
SEL
VCC
GND
1B10
2B10
1B11
GND
2B11
1B12
2B12
VCC
1B13
2B13
1B14
2B14
GND
1B15
2B15
1B16
2B16
VCC
GND
1B17
2B17
1B18
2B18
VCC
A18
A17
A16
GND
A15
A14
A13
VCC
A12
A11
A10
GND
OE
DIR
DBB PACKAGE
(TOP VIEW)


Similar Part No. - SN74ALVCHG162282DBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHG162282DBBR TI1-SN74ALVCHG162282DBBR Datasheet
297Kb / 12P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCHG162282DBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16282 TI-SN74ALVCH16282 Datasheet
140Kb / 10P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHG162282 TI1-SN74ALVCHG162282_08 Datasheet
297Kb / 12P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162270 RENESAS-HD74ALVCH162270 Datasheet
260Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com