Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-15-155-FDFB-SLC8AS Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-15-155-FDFB-SLC8AS
Description  155 Mbps Single Mode SFF LC Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-15-155-FDFB-SLC8AS Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-15-155-FDFB-SLC8AS Datasheet HTML 1Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 2Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 3Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 4Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 5Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 6Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 7Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 8Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1504-Jun2307
Rev A.3
LUMINENTOIC.COM
Features
• Duplex LC Single Mode Transceiver
• Small Form Factor Multi-sourced 2 x 5 Pin Package
• Long reach SONET OC-3 / SDH STM-1 LR2 Compliant
• Single+3.3V Power Supply
• LVPECL Differential Inputs and Outputs
• Class 1 Laser International Safety Standard IEC 825
Compliant
• Solderability to MIL-STD-883, Method 2003
• Pin coating is Sn/Pb with minimum 2% Pb content
• Flammability to UL94V0
• Humidity RH 5-85% (5-95% short term) to IEC 68-2-3
• Complies with Bellcore GR-468-CORE
• Uncooled laser diode with MQW structure
• ATM 155Mb/s Links
• RoHS compliance available
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-5
-
0
dBm
Output power is coupled into a 9/125μm
single mode fiber. C-15-155-FDFB-SLC8(10)
Optical Transmit Power
Po
-3
-
+3
dBm
Output power is coupled into a 9/125μm
single mode fiber. C-15-155-FDFB-SLC10
Output center Wavelength
λ
1480
1550
1580
nm
+25°C
Output Spectrum Width
λ
-
-
1
nm
-20 dB width
Side Mode Suppression Ratio
Sr
30
35
-
dBm
Extinction Ratio
ER
10
-
-
dB
Output Eye
Compliant with ITU recommendation G.957
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Measured with 2
23-1 PRBS
Transmitter Specifications
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature (Case)1
Topr
-40
-
85
ºC
Operating Temperature (Case)1
Topr
0
-
70
ºC
Data Rate
-
-
155
-
Mbps
Note 1 : Please refer to ordering information
Recommended Operating Condition


Similar Part No. - C-15-155-FDFB-SLC8AS

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-55-G5 SOURCE-C-15-155-FDFB-SLC8A-55-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
More results

Similar Description - C-15-155-FDFB-SLC8AS

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com