Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-15-155-FDFB-SLC8AS Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # C-15-155-FDFB-SLC8AS
Description  155 Mbps Single Mode SFF LC Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-15-155-FDFB-SLC8AS Datasheet(HTML) 9 Page - Source Photonics, Inc.

  C-15-155-FDFB-SLC8AS Datasheet HTML 1Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 2Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 3Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 4Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 5Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 6Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 7Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 8Page - Source Photonics, Inc. C-15-155-FDFB-SLC8AS Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
C-15-155-FDFB-SLCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1504-Jun2307
Rev A.3
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
155 Mbps Single Mode SFF LC Transceiver


Similar Part No. - C-15-155-FDFB-SLC8AS

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-55-G5 SOURCE-C-15-155-FDFB-SLC8A-55-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
More results

Similar Description - C-15-155-FDFB-SLC8AS

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com