Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-15-DFB2.5-PB-SSTM Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # C-15-DFB2.5-PB-SSTM
Description  1550nm 2.5G MQW-DFB Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-15-DFB2.5-PB-SSTM Datasheet(HTML) 6 Page - Source Photonics, Inc.

  C-15-DFB2.5-PB-SSTM Datasheet HTML 1Page - Source Photonics, Inc. C-15-DFB2.5-PB-SSTM Datasheet HTML 2Page - Source Photonics, Inc. C-15-DFB2.5-PB-SSTM Datasheet HTML 3Page - Source Photonics, Inc. C-15-DFB2.5-PB-SSTM Datasheet HTML 4Page - Source Photonics, Inc. C-15-DFB2.5-PB-SSTM Datasheet HTML 5Page - Source Photonics, Inc. C-15-DFB2.5-PB-SSTM Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2005
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
6
1550nm 2.5G MQW-DFB Laser Diode
Module
C-15-DFB2.5-XX-SXXXX/XXX-X-XX
LUMNDS892-NOV0305
rev. A.0
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Warnings
Legal Notice
Ordering Information
C-15-DFB2.5-XX-SXXXX/XXX-X-XX
Wavelength
15=1550nm
- = PC Fiber
Flange type (-;O;V;K)
APC = APC Fiber
"I" = Isolator
"-" = No isolator
L/M/H/2
FC/ST/SC/MU/LC/-
Connector
Fiber Output Power
D =DType
Pin Assignment
"-" =A Type
B =B Type
R=Receptacle
T=TOSA
P=Pigtail
Package
-/G5/GR
G5 = RoHS 5/6-compliant product (lead exemption)
GR = Full RoHS compliant product (no exemption)
Blank = RoHS non-compliant product
RoHS Compliant
Isolator


Similar Part No. - C-15-DFB2.5-PB-SSTM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-15-DFB2.5-PD-SFC-K ETC-C-15-DFB2.5-PD-SFC-K Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
C-15-DFB2.5-PD-SFC-O ETC-C-15-DFB2.5-PD-SFC-O Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
C-15-DFB2.5-PD-SFC-V ETC-C-15-DFB2.5-PD-SFC-V Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
C-15-DFB2.5-PD-SFCI-K ETC-C-15-DFB2.5-PD-SFCI-K Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
C-15-DFB2.5-PD-SFCI-O ETC-C-15-DFB2.5-PD-SFCI-O Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
More results

Similar Description - C-15-DFB2.5-PB-SSTM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
OKI electronic componet...
OL5392L OKI-OL5392L Datasheet
43Kb / 2P
   1550nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
KODENSHI_AUK CORP.
KLT-255544 KODENSHI-KLT-255544 Datasheet
112Kb / 2P
   1550nm InGaAsP strained MQW DFB-LD
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Optoway Technology Inc
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com