Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-157A-DFB-R-S Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # C-157A-DFB-R-S
Description  CWDM Series Laser Diode Module (18 channel)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-157A-DFB-R-S Datasheet(HTML) 4 Page - Source Photonics, Inc.

  C-157A-DFB-R-S Datasheet HTML 1Page - Source Photonics, Inc. C-157A-DFB-R-S Datasheet HTML 2Page - Source Photonics, Inc. C-157A-DFB-R-S Datasheet HTML 3Page - Source Photonics, Inc. C-157A-DFB-R-S Datasheet HTML 4Page - Source Photonics, Inc. C-157A-DFB-R-S Datasheet HTML 5Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
C-XXXXX-DFB-XX-SXXXI/XXX-X-XX
CWDM Series Laser Diode Module (18 channel)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS891-OCT1905
rev. A.0
LUMINENTOIC.COM
Packaging Dimension
Units in mm.
Part Number: C-XXXXX-DFB2.5-PX-SXXXI/XXX-X-XX
��������
��������
���������
��������������
��������
���������������������������
������������
�����������
�����������������
��������


Similar Part No. - C-157A-DFB-R-S

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-157-1250-FDFB-SLC2 SOURCE-C-157-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-157-1250-FDFB-SLC2-G5 SOURCE-C-157-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-157-1250-FDFB-SLC3 SOURCE-C-157-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-157-1250-FDFB-SLC3-G5 SOURCE-C-157-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-157-1250-FDFB-SLC4 SOURCE-C-157-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-157A-DFB-R-S

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
1622 EMCORE-1622 Datasheet
635Kb / 6P
   1622 CWDM DFB Laser Module
logo
Source Photonics, Inc.
C-1470-DFB2.5-PD-SFC SOURCE-C-1470-DFB2.5-PD-SFC Datasheet
537Kb / 3P
   1470 nm Series 2.5 Gbps CWDM Laser Diode Modules
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Roithner LaserTechnik G...
G081PU1600M ROITHNER-G081PU1600M_12 Datasheet
802Kb / 10P
   Laser Diode Module
G098PU1600M ROITHNER-G098PU1600M_12 Datasheet
832Kb / 10P
   Laser Diode Module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com