Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC-03-ELR-57CNA Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SPC-03-ELR-57CNA
Description  155 Mbps CWDM SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-03-ELR-57CNA Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SPC-03-ELR-57CNA Datasheet HTML 1Page - Source Photonics, Inc. SPC-03-ELR-57CNA Datasheet HTML 2Page - Source Photonics, Inc. SPC-03-ELR-57CNA Datasheet HTML 3Page - Source Photonics, Inc. SPC-03-ELR-57CNA Datasheet HTML 4Page - Source Photonics, Inc. SPC-03-ELR-57CNA Datasheet HTML 5Page - Source Photonics, Inc. SPC-03-ELR-57CNA Datasheet HTML 6Page - Source Photonics, Inc. SPC-03-ELR-57CNA Datasheet HTML 7Page - Source Photonics, Inc. SPC-03-ELR-57CNA Datasheet HTML 8Page - Source Photonics, Inc. SPC-03-ELR-57CNA Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
155 Mbps CWDM SFP Transceiver
SPC-03-ELR-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS959-Jul2506
Rev A.1
LUMINENTOIC.COM
Name of Field
Description of Field
Address
Hex
ASCII
Vendor Name
SFP Vendor name(ASCII)
20
4C
L
21
55
U
22
4D
M
23
49
I
24
4E
N
25
45
E
26
4E
N
27
54
T
28
4F
O
29
49
I
30
43
C
Vendor OUI
IEEE vendor OUI code for LuminentOIC
Inc.
37
00
38
06
39
B5
Vendor P/N
Part number in ASCII, e.g.
SPC-03-ELR-xxCDA
40
53
S
41
50
P
42
43
C
43
30
0
44
33
3
45
45
E
46
4C
L
47
52
R
48
x
x
49
x
x
50
43
C
51
44
D
52
41
A
EEPROM Serial ID


Similar Part No. - SPC-03-ELR-57CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-ELR-51CDFM SOURCE-SPC-03-ELR-51CDFM Datasheet
246Kb / 9P
   Up to 100km transmission on SMF
More results

Similar Description - SPC-03-ELR-57CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-LR-47CDA SOURCE-SPC-03-LR-47CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
logo
Optoway Technology Inc
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G Datasheet
152Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33100-CXX0G OPTOWAY-SPS-33100-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33160-CXX0G OPTOWAY-SPS-33160-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com