Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ920-1AE-14D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ920-1AE-14D
Description  ULTRA-SENSITIVE SUBMINIATURE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ920-1AE-14D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ920-1AE-14D Datasheet HTML 1Page - American Zettler, Inc. AZ920-1AE-14D Datasheet HTML 2Page - American Zettler, Inc. AZ920-1AE-14D Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Coil Specifications
Nominal Coil
VDC
Max. Continuous
VDC
Coil Resistance
±10%
Must Operate
VDC
5
16.5
208
3.5
6
19.9
300
4.2
9
29.8
675
6.3
12
39.8
1200
8.4
18
59.6
2700
12.6
24
65.0
3200
16.8
AZ
AZ920
RELAY ORDERING DATA
AZ920-1AB-24D E A K F X
Special Code
May be followed by additional letters or
numbers (does not affect construction)
Insulation System
Nil: Class B
F: Class F
Terminal Layout
Nil: 0.2 inch spacing
K: 0.3 inch spacing
Contact Plating (Single contact)
Nil: no plating
A: gold plating
Construction
Sealed: E
Coil Voltage
5D through 24D: 5 through 24 VDC
24DS: 24VDC Sensitive
Contact Configuration
–1A: AgNi, single contact, SPST-NO
–1AB: AgNi, bifurcated contact,
SPST-NO (Gold plated)
–1AE: AgCdO, single contact, SPST-NO
–1AH: AgSnO2, single contact,
SPST-NO
Basic series designation - AZ920
2/20/08W
24(Sensitive)
79.6
4800
16.8


Similar Part No. - AZ920-1AE-14D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ920-1A-12DE ETC-AZ920-1A-12DE Datasheet
60Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ920-1A-12DE ZETTLER-AZ920-1A-12DE Datasheet
121Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ920-1A-18DE ETC-AZ920-1A-18DE Datasheet
60Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ920-1A-18DE ZETTLER-AZ920-1A-18DE Datasheet
121Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ920-1A-24DE ETC-AZ920-1A-24DE Datasheet
60Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
More results

Similar Description - AZ920-1AE-14D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ921 AZETTLER-AZ921 Datasheet
1Mb / 3P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ921 ZETTLER-AZ921 Datasheet
509Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ920 ETC-AZ920 Datasheet
60Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ920 ZETTLER-AZ920 Datasheet
121Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ9201 AZETTLER-AZ9201 Datasheet
498Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ8222 AZETTLER-AZ8222 Datasheet
96Kb / 2P
   SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
List of Unclassifed Man...
AZ826 ETC2-AZ826 Datasheet
157Kb / 2P
   SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
American Zettler, Inc.
AZ826 AZETTLER-AZ826 Datasheet
87Kb / 2P
   SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com