Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-TR-LX-TDC Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SP-TR-LX-TDC
Description  10Km Tri-rate SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-TR-LX-TDC Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SP-TR-LX-TDC Datasheet HTML 1Page - Source Photonics, Inc. SP-TR-LX-TDC Datasheet HTML 2Page - Source Photonics, Inc. SP-TR-LX-TDC Datasheet HTML 3Page - Source Photonics, Inc. SP-TR-LX-TDC Datasheet HTML 4Page - Source Photonics, Inc. SP-TR-LX-TDC Datasheet HTML 5Page - Source Photonics, Inc. SP-TR-LX-TDC Datasheet HTML 6Page - Source Photonics, Inc. SP-TR-LX-TDC Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
10Km Tri-rate SFP Transceiver
SP-TR-LX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1356-Feb1607
Rev A.2
LUMINENTOIC.COM
Parameter
Range
Accuracy
Unit
Calibration
Formula
Temperature (-CDx)
-5 to 70
±3
ºC
Internal
Tc(C) = Tad(16 bit signed twos complement)/256
Temperature (-TDx)
-40 to 85
±3
ºC
Internal
Tc(C) = Tad(16 bit signed twos complement)/256
Voltage
0 to Vcc
0.1
V
Internal
V(Volts) = Vad(16 bit unsigned integer)*0.1
Bias Current
0 to 120
5
mA
External
I(mA) = Islope * Iad(16 bit unsigned integer)+Ioffset
Tx Power
-9 to -3
±3dB
dBm
External
Tx_PWR(µW) = Tx_PWRslope*Tx_PWRad(16 bit unsigned
integer)+Tx_PWRoffset
Rx Power
-20 to -3
±3dB
dBm
External
Rx_PWR(µW) = A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics
Name of Field
Discription of Field
Address
Hex
ASCII
Vendor Name
SFP Vendor name (ASCII)
20
4C
L
21
55
U
22
4D
M
23
49
I
24
4E
N
25
45
E
26
4E
N
27
54
T
28
4F
O
29
49
I
30
43
C
Vendor OUI
IEEE vendor OUI code for LuminentOIC Inc.
37
00
38
06
39
B5
Vendor P/N
Part number in ASCII, e.g.
SP-TR-LX-CDA
40
53
S
41
50
P
42
54
T
43
52
R
44
4C
L
50
58
X
51
43
C
52
44
D
53
41
A
EEPROM Serial ID


Similar Part No. - SP-TR-LX-TDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-T3 ETC2-SP-T3 Datasheet
48Kb / 1P
   Surface Mount Quartz Crystal Units for Low Frequencies
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
   Telephone Line Surge and Lightning Protector
SP-TELCO-1 REDLION-SP-TELCO-1 Datasheet
275Kb / 1P
   Telephone Line Surge and Lightning Protector
SP-TELCO-1-5 REDLION-SP-TELCO-1-5 Datasheet
275Kb / 1P
   Telephone Line Surge and Lightning Protector
More results

Similar Description - SP-TR-LX-TDC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1472M3BNL FINISAR-FTLX1472M3BNL Datasheet
302Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
logo
OPLINK Communications I...
S0297-TPP4XGFLRXG OPLINK-S0297-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
TPP4XGFLRXG OPLINK-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
logo
Finisar Corporation.
FTLX1472M3BCL FINISAR-FTLX1472M3BCL Datasheet
648Kb / 11P
   10Gb/s, 2/10km Single Mode, Multi-Rate SFP Transceiver
logo
Source Photonics, Inc.
SP-GB-MX-CNA SOURCE-SP-GB-MX-CNA Datasheet
497Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-4F-01 SOURCE-SP-4F-01 Datasheet
217Kb / 11P
   4.25Gb/s 10km SFP Transceiver
SP-GB-LX-CDA SOURCE-SP-GB-LX-CDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-4F-01-CDA SOURCE-SP-4F-01-CDA Datasheet
503Kb / 7P
   4.25Gb/s 10km SFP Transceiver
SP-DR-IR1-CDA SOURCE-SP-DR-IR1-CDA Datasheet
414Kb / 5P
   Dual Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com