Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ853S1-6 Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ853S1-6
Description  MICROMINIATURE POLARIZED RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ853S1-6 Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ853S1-6 Datasheet HTML 1Page - American Zettler, Inc. AZ853S1-6 Datasheet HTML 2Page - American Zettler, Inc. AZ853S1-6 Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RELAY ORDERING DATA
NON-LATCHING VERSION
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER
VDC
VDC
± 10%
VDC
THT
SMT
*
SMTss
*
1.5
2.25
16.1
1.13
AZ853–1.5
AZ853S–1.5
AZ853S1–1.5
3
4.5
64.3
2.25
AZ853–3
AZ853S–3
AZ853S1–3
4.5
6.75
145
3.38
AZ853–4.5
AZ853S–4.5
AZ853S1–4.5
6
9
257
4.5
AZ853–6
AZ853S–6
AZ853S1–6
9
13.5
579
6.75
AZ853–9
AZ853S–9
AZ853S1–9
12
18
1028
9.00
AZ853–12
AZ853S–12
AZ853S1–12
24
36
2504
18.00
AZ853–24
AZ853S–24
AZ853S1–24
LATCHING VERSION
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER
VDC
VDC
± 10%
VDC
THT
SMT
*
SMTss
*
1.5
2.25
22.5
1.13
AZ853P–1.5
AZ853PS–1.5
AZ853PS1–1.5
3
4.5
90
2.25
AZ853P–3
AZ853PS–3
AZ853PS1–3
4.5
6.75
203
3.38
AZ853P–4.5
AZ853PS–4.5
AZ853PS1–4.5
6
9
360
4.50
AZ853P–6
AZ853PS–6
AZ853PS1–6
9
13.5
810
6.75
AZ853P–9
AZ853PS–9
AZ853PS1–9
12
18
1440
9.00
AZ853P–12
AZ853PS–12
AZ853PS1–12
24
36
4800
18.00
AZ853P–24
AZ853PS–24
AZ853PS1–24
*Tape and reel available (1K pcs/reel minimum)
AZ
6/23/04W
AZ853
INITIAL DIELECTRIC STRENGTH (minimum)
SURGE
VRMS, 1 min.
Peak (V)
Rise Time (µS)
Decay Time* (9µS) (1/2 peak)
Between open contacts
1,000
1,500
10
160
Between contact sets
1,000
1,500
2
160
Between coil and contacts
1,500
2,500
2
10
* Decay time measured from beginning of surge.
PREHEATING
SOLDERING
COOLING
MAX
30 SEC
120 SEC MAX
90 - 120 SEC MAX
130
250
220
170
Temperature Profile
Packaging Specifications
Packaging
Orientation mark side
Feeding
Reel dimensions
Top cover tape
Embossed carrier tape
Tape Dimensions
Unit: mm
General tolerance is ± 0.2


Similar Part No. - AZ853S1-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ850 ETC1-AZ850 Datasheet
55Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ850 ZETTLER-AZ850 Datasheet
47Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ850-12 ETC1-AZ850-12 Datasheet
55Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ850-12 AZETTLER-AZ850-12 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ853S1-6

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com