Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFU-43-48H-HP-TDE Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SFU-43-48H-HP-TDE
Description  1490nm/1310nm Single Fiber SFFB Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFU-43-48H-HP-TDE Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SFU-43-48H-HP-TDE Datasheet HTML 1Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 2Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 3Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 4Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 5Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 6Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 7Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 8Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
1490nm/1310nm Single Fiber OLT Transceiver
SFU-43-48H-HP-xDE
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS995-APR0207
Rev A.0 SHOR T FORM
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Input Differential Impedence
Rin
80
100
120
Ω
Single Ended data input swing (ac coupled
inside module)
Vin, p-p
300
-
1200
mV
Tx Disable (LVTTL)
Vd
2
-
Vcc
V
Tx Enable (LVTTL)
Ven
0
-
0.8
V
Tx_Fail_High (LVTTL)
V_Fail
2.4
-
Vcc
V
Tx_Fail_Normal (LVTTL)
V_Normal
0
-
0.4
V
Transmitter Specifications (Electrical)
Receiver Specifications (Optical)
Parameter
Symbol
Min
Typical
Max
Unit
Wavelength
λ
1260
1310
1360
nm
Upstream Data Rate +/- 100ppm (burst-mode)
-
1244
-
Mbps
Receiver Sensitivityc
RENS
-
-31
-28
dBm
Receiver Overloadc
ROL
-8
-5
-
dBm
Receiver Burst-mode Dynamic Ranged
15
20
-
dB
BRST_Det Assert (Signal Detected)
P_DET
-
-
-28
dBm
Receiver CID Tolerance
CID
72
-
-
bits
Maximum Reflectance of Receiver
RX_r
-
-
-20
dB
c) At 10-10 BER with PRBS 223-1 Burst-Mode data at 1244 Mb/s
d) The input power difference between two subsequent high and low burst data.
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
1.5
-
5
dBm
Average launch power of off Tx
Poff
-
-
-40
dBm
Wavelength
λ
1480
1490
1500
nm
Spectral Width (-20 dB)
∆λ20
-
-
1
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Extinction Ratio
ER
10
-
-
dB
Transmit eye mask
G.984.2
Downstream Bit Rate +/- 100ppm
-
2488
-
Mbps
Transmitter CID immunity
72
-
-
bits
Optical Rise timea
-
-
160
ps
Optical Fall timea
-
-
160
ps
Optical Path Penalty
-
-
0.5
dB
Tolerence to TX back reflectionb
-15
-
dB
Transmitter Specifications (Optical)
a) 20% to 80% values
b) 1 dB degradation of receiver sensitivity


Similar Part No. - SFU-43-48H-HP-TDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
More results

Similar Description - SFU-43-48H-HP-TDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE SOURCE-SPS-43-48H-HP-CDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
SPS-43-48H-HP-XDE SOURCE-SPS-43-48H-HP-XDE Datasheet
363Kb / 13P
   1490nm/1310nm Single Fiber OLT
logo
List of Unclassifed Man...
TSE-0155-32S-P1-3 ETC-TSE-0155-32S-P1-3 Datasheet
453Kb / 10P
   SINGLE MODE SINGLE FIBER TRANSCEIVER
logo
Pulse A Technitrol Comp...
SFPT-LX2-01 PULSE-SFPT-LX2-01 Datasheet
205Kb / 10P
   1.25Gb/s 1310nm Single-mode SFP Transceiver
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
logo
Source Photonics, Inc.
C-13-14-F02-P-SFCL SOURCE-C-13-14-F02-P-SFCL Datasheet
729Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Optoway Technology Inc
SPB-9905MG_2015 OPTOWAY-SPB-9905MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9920MG_2015 OPTOWAY-SPB-9920MG_2015 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9940MG_2015 OPTOWAY-SPB-9940MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9780M-1510G_2015 OPTOWAY-SPB-9780M-1510G_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com