Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-159-155C-FDFB-SLC9 Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # C-159-155C-FDFB-SLC9
Description  155 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-159-155C-FDFB-SLC9 Datasheet(HTML) 4 Page - Source Photonics, Inc.

  C-159-155C-FDFB-SLC9 Datasheet HTML 1Page - Source Photonics, Inc. C-159-155C-FDFB-SLC9 Datasheet HTML 2Page - Source Photonics, Inc. C-159-155C-FDFB-SLC9 Datasheet HTML 3Page - Source Photonics, Inc. C-159-155C-FDFB-SLC9 Datasheet HTML 4Page - Source Photonics, Inc. C-159-155C-FDFB-SLC9 Datasheet HTML 5Page - Source Photonics, Inc. C-159-155C-FDFB-SLC9 Datasheet HTML 6Page - Source Photonics, Inc. C-159-155C-FDFB-SLC9 Datasheet HTML 7Page - Source Photonics, Inc. C-159-155C-FDFB-SLC9 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
155 Mbps Single Mode SFF LC Transceiver
C-1XX-155(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS850-Apr0706
Rev A.2
LUMINENTOIC.COM
Tx
Rx
TERMINATE AT
TRANSCEIVER INPUTS
Z=50
Z=50
100
TD-
TD+
130
Vcc(+3.3V)
100
RD+
RD-
SD
Z=50
Z=50
Z=50
130
130
Vcc(+3.3V)
Vcc(+3.3V)
PHY DEVICE
LVPECL
LVPECL
10�F
C3
C2
1H
6
7
8
10 9
1
2
3
4
5
1H
C1
TERMINATE AT
DEVICE INPUTS
NOTE:C1=C2=C3=100nF
Vcc(+3.3V)
130
LVTTL
Tx Disable
LVTTL
Recommended Circuit Schematic
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc and Tx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.
Tx
Rx
TERMINATE AT
TRANSCEIVER INPUTS
Z=50
Z=50
100
TD-
TD+
130
82
Vcc(+3.3V)
100
RD+
RD-
SD
Z=50
Z=50
Z=50
130
130
Vcc(+3.3V)
Vcc(+3.3V)
PHY DEVICE
LVPECL
LVPECL
10�F
C3
C2
1�H
6
7
8
10 9
1
2
3
4
5
1�H
C1
TERMINATE AT
DEVICE INPUTS
NOTE:C1=C2=C3=100nF
Vcc(+3.3V)
130
130
LVTTL
Tx Disable
LVPECL
C-1XX-155-FDFB-SLCX
C-1XX-155C-FDFB-SLCX


Similar Part No. - C-159-155C-FDFB-SLC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-159-1250-FDFB-SLC2 SOURCE-C-159-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-159-1250-FDFB-SLC2-G5 SOURCE-C-159-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-159-1250-FDFB-SLC3 SOURCE-C-159-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-159-1250-FDFB-SLC3-G5 SOURCE-C-159-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-159-1250-FDFB-SLC4 SOURCE-C-159-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-159-155C-FDFB-SLC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com