Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ939-4.5 Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ939-4.5
Description  SENSITIVE SUBMINIATURE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ939-4.5 Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ939-4.5 Datasheet HTML 1Page - American Zettler, Inc. AZ939-4.5 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER
VDC
VDC
± 10%
VDC
4.5
8.7
101
3.4
AZ939–4.5
5
9.7
125
3.8
AZ939–5
6
11.6
180
4.5
AZ939–6
9
17.4
405
6.8
AZ939–9
12
23.2
720
9.0
AZ939–12
18
34.8
1620
13.5
AZ939–18
24
46.5
2,880
18.0
AZ939–24
AZ939
8/22/02W
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
max .602
[15.3]
.453
[11.5]
.276
[7.0]
.018
[0.5]
.134
[3.4]
.185
[4.7]
.032
[0.8]
max
.807
[20.5]
max .283
[7.2]
.185
[4.7]
4- .043
[Ø1.1]
.276
[7.0]
.453
[11.5]
.012
[0.3]
(.041)
[1.05]
(.046)
[1.16]
PC Board Layout
Viewed toward terminals
5
7
1
Wiring Diagram
Viewed toward terminals
13
MECHANICAL DATA


Similar Part No. - AZ939-4.5

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ9305-01G AMAZING-AZ9305-01G Datasheet
119Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/05/27
AZ9305-01G.R7G AMAZING-AZ9305-01G.R7G Datasheet
119Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/05/27
AZ9313-01F AMAZING-AZ9313-01F Datasheet
118Kb / 6P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/12/10
AZ9313-01F.R7G AMAZING-AZ9313-01F.R7G Datasheet
118Kb / 6P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/12/10
AZ9315-01F AMAZING-AZ9315-01F Datasheet
115Kb / 6P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/12/10
More results

Similar Description - AZ939-4.5

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ937 ZETTLER-AZ937 Datasheet
62Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991_12 Datasheet
53Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ699 ZETTLER-AZ699 Datasheet
173Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991 Datasheet
55Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6991 AZETTLER-AZ6991 Datasheet
100Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ9371 ZETTLER-AZ9371 Datasheet
53Kb / 3P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ937 AZETTLER-AZ937 Datasheet
88Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com