Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ932 Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ932
Description  15 AMP MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ932 Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ932 Datasheet HTML 1Page - American Zettler, Inc. AZ932 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
STANDARD RELAYS
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
1 Form A
1 Form C
VDC
VDC
VDC
(SPST-N.O.)
(SPDT)
3
3.9
25 ±10%
2.3
AZ932-1AH-3D
AZ932-1CH-3D
5
6.5
70 ±10%
3.8
AZ932–1AH–5D
AZ932–1CH–5D
6
7.8
100 ±10%
4.5
AZ932–1AH–6D
AZ932–1CH–6D
9
11.7
225 ±10%
6.8
AZ932–1AH–9D
AZ932–1CH–9D
12
15.6
400 ±10%
9.0
AZ932–1AH–12D
AZ932–1CH–12D
18
23.4
900 ±10%
13.5
AZ932-1AH-18D
AZ932-1CH-18D
24
31.2
1,600 ±15%
18.0
AZ932–1AH–24D
AZ932–1CH–24D
48
62.4
4,500 ±15%
36.0
AZ932–1AH–48D
AZ932–1CH–48D
*Add suffix “E” for epoxy sealed version. Add suffix “G” for gold plated contacts. Add suffix “F” for Class F insulation system. Substitute “1BH” in place of “1AH” to
indicate 1 Form B.
AZ932
MECHANICAL DATA
FORM "C"
FORM "A"
1
5
2
3
1
5
2
3
4
FORM "B"
1
5
2
3
Wiring Diagram
PC Board Layout
Outline Dimensions
[12.20]
.480
[2.00]
.079
[16 ]
.630
[ 21]
.827
[20.3]
.799
[2.25]
.089
[6.00]
.236
[6.00]
.236
[1.00]
2x.039
[0.45]
2x.018
[0.50]
2x.020
[4]
.157
[0.50]
2x.020
[1.00]
.039
[0.30]
.012
.089
[2.25]
[2.00]
.236
[6.00]
2xø.051
[ø1.3]
.480
2xø.039
[ø1.0]
[12.20]
[12.00]
.472
[4.00]
.157
[6.00]
.236
[2.25]
.089
[2.00]
.079
[12.20]
.480
[ø1.0]
2xø.039
[ø1.3]
3xø.051
.157
[4.00]
.472
[12.00]
.079
FORM "A"/ FORM “B”
FORM "C"
2/20/08W


Similar Part No. - AZ932

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9321 AZETTLER-AZ9321 Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
AZ9321-1A-12DF AZETTLER-AZ9321-1A-12DF Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
AZ9321-1A-18DF AZETTLER-AZ9321-1A-18DF Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
AZ9321-1A-24DF AZETTLER-AZ9321-1A-24DF Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
AZ9321-1A-48DF AZETTLER-AZ9321-1A-48DF Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
More results

Similar Description - AZ932

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ9431 AZETTLER-AZ9431 Datasheet
106Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943_14 Datasheet
63Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943S ZETTLER-AZ943S Datasheet
57Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY SMT
logo
American Zettler, Inc.
AZ943S AZETTLER-AZ943S Datasheet
136Kb / 2P
   15 AMP (SMT) MINIATURE PC BOARD RELAY
logo
Tyco Electronics
SRUUH MACOM-SRUUH Datasheet
46Kb / 2P
   15 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com