Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ848P2-3 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ848P2-3
Description  MICROMINIATURE SURFACE MOUNT POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ848P2-3 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ848P2-3 Datasheet HTML 1Page - American Zettler, Inc. AZ848P2-3 Datasheet HTML 2Page - American Zettler, Inc. AZ848P2-3 Datasheet HTML 3Page - American Zettler, Inc. AZ848P2-3 Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108 operations at 3 Hz
Electrical
2 x 105 operations at 0.5 A,
125 VAC, resistive
5 x 105 operations at 1.0 A,
30 VDC, resistive
Operate Time (typical)
2 ms at nominal coil voltage
Release Time (typical)
1 ms at nominal coil voltage
(with no coil suppression)
Bounce (typical)
1 ms (at nominal coil voltage)
Capacitance
< 0.5 pF open and adjacent contacts
< 1.0 pF contact to coil
Dielectric Strength
See table
(at sea level)
Insulation Resistance
109 ohms min. at 500 VDC
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 85°C (185°F)
Vibration
Operational, 3.3 mm DA, 10 - 55 Hz
Non-Destructive, 5.5 mm DA, 10 -55 Hz
Shock
Operational, 50g min., 11 ms
Non-Destructive, 100 g min., 6 ms
Enclosure
LCP
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
See charts
Max. Solder Time
See charts
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
1.5 grams
COIL
Power
At Pickup Voltage
AZ848: 79 mW to 169 mW
(typical)
AZ848P1: 57 mW to 85 mW
AZ848P2: 110 mW to 170 mW
Max. Continuous
826 mW at 20°C (68°F) ambient
Dissipation
652 mW at 40°C (104°F) ambient
Temperature Rise
At nominal coil voltage
18°C (32°F) (3 - 12 VDC coils)
25°C (45°F) (18, 24 VDC coils)
34°C (61°F) (48 VDC coils)
Temperature
Max. 115°C (239°F)
AZ848
11/3/99W
MICROMINIATURE SURFACE
MOUNT POLARIZED RELAY
FEATURES
• High dielectric and surge voltage: 1.5 kV surge
(per FCC Part 68) 750 VRMS open contacts
• Low power consumption: 56 mW set
• Non-latching and latching versions
• Single coil and dual coil versions
• Stable contact resistance for low level signal switching
• Epoxy sealed for automatic wave soldering and cleaning
• UL file E43203, CSA 73363
• All plastics meet UL94 V-0, 30 min. oxygen index
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Non-inductive load:
Max. switched power: 60 W or 62.5 VA
Max. switched current: 2 A
Max. switched voltage: 220 VDC or 250 VAC
Rated Load
0.5 A at 125 VAC res.
UL/CSA
2.0 A at 30 VDC res.
0.3 A at 110 VDC res.
Material
Silver palladium; gold clad
Resistance
< 50 milliohms initially at 6 V, 0.1 A
NOTES
1. All values at 20°C (68°F).
2. Relay has fixed coil polarity.
3. Relay may pull in with less than “Must Operate” value.
4. Relay adjustment may be affected if undue pressure is exerted
on relay case.
5. For complete isolation between the relay’s magnetic fields, it is
recommended that a .197" (5.0 mm) space be provided between
adjacent relays.
6. Specifications subject to change without notice.


Similar Part No. - AZ848P2-3

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-12 AZETTLER-AZ846-12 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-24 AZETTLER-AZ846-24 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-3 AZETTLER-AZ846-3 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-4 AZETTLER-AZ846-4 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ848P2-3

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com