Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTP-345V1-PAA-I Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # OTP-345V1-PAA-I
Description  FSAN High Power Triplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

OTP-345V1-PAA-I Datasheet(HTML) 2 Page - Source Photonics, Inc.

  OTP-345V1-PAA-I Datasheet HTML 1Page - Source Photonics, Inc. OTP-345V1-PAA-I Datasheet HTML 2Page - Source Photonics, Inc. OTP-345V1-PAA-I Datasheet HTML 3Page - Source Photonics, Inc. OTP-345V1-PAA-I Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FSAN High Power Triplexer
OTP-345V1-PF-622-SCA-D4
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS826-AUG0105
rev. A.1
Parameter
Symbol
Min
Typical
Max
Unit
Detection Wavelength
λ
1480
-
1500
nm
Gain, Differential
G
12
-
-
mV/µW
Sensitivity
-
-
-
-29
dBm
Optical Input Overload
Pin
-4
-
-
dBm
Optical Input Power Damage Threshold
3
-
-
dBm
Supply Voltage
VCC
3.135
3.3
3.465
V
Supply Current (a)
ICC
20
35
50
mA
High Frequency -3 dB point (b)
f-3dB(h)
400
520
600
MHz
Single-ended Output Voltage (p-p) @100mA p-p
Vo(se)(p-p)
-
-
450
mV
Single-ended Output Resistance
Ro(se)
40
50
62
Ohm
Small Signal Transresistance, differential
Rtr
7
-
25
Polarization Dependent Loss
PDL
-
-
0.5
dB
Digital Receiver Electrical Characteristics (622 Mbps)
(a) AC coupled; RL = 50 Ohm
(b) Ci = 0.7 pF
Parameter
Symbol
Min
Typical
Max
Unit
Detection Wavelength
λ
1550
1555
1560
nm
Optical Input power Damage Threshold
Pdamage
3
-
-
dBm
Responsivity
R
0.75
0.85
-
mA/mW
Bandwidth (a)
BW
1000
-
-
MHz
Dark Current at Vr=5V
Id
-
2
50
nA
Capacitance at Vr =5V and 1 MHz
C
-
0.6
1.5
pF
DSO
-
-
-70
dBc
DTB
-
-
-80
dBc
Polarization Dependent Loss
PDL
-
-
0.5
dB
Analog Receiver Characteristics
(a) 0.5 dB measurement


Similar Part No. - OTP-345V1-PAA-I

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
More results

Similar Description - OTP-345V1-PAA-I

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
logo
List of Unclassifed Man...
ODP-43-PE ETC2-ODP-43-PE Datasheet
809Kb / 4P
   FSAN High Power Diplexer
logo
Mini-Circuits
TPLX-F2700 MINI-TPLX-F2700 Datasheet
593Kb / 4P
   Triplexer
TPLX-E2485 MINI-TPLX-E2485 Datasheet
612Kb / 4P
   Triplexer
ZTPL-4620 MINI-ZTPL-4620 Datasheet
487Kb / 4P
   Triplexer
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
logo
Pulse A Technitrol Comp...
C6224NL PULSE-C6224NL Datasheet
136Kb / 2P
   TRIPLEXER FILTER MODULE
logo
TDK Electronics
TPX205950MT-7004A1 TDK-TPX205950MT-7004A1 Datasheet
95Kb / 8P
   Multilayer Triplexer
logo
Pulse A Technitrol Comp...
C6442NL PULSE-C6442NL Datasheet
266Kb / 2P
   TRIPLEXER FILTER MODULE
C6365NL PULSE-C6365NL Datasheet
271Kb / 2P
   TRIPLEXER FILTER MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com