Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ880-1A-5D Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ880-1A-5D
Description  10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ880-1A-5D Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ880-1A-5D Datasheet HTML 1Page - American Zettler, Inc. AZ880-1A-5D Datasheet HTML 2Page - American Zettler, Inc. AZ880-1A-5D Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1A
1AB
2A
0.787MAX
[20.0]
0.591MAX
[15.0]
0.142
[3.6]
0.049
[1.25]
0.400
[10.16]
0.300
[7.62]
0.031
[0.8]
0.016
[0.4]
0.400
[10.16]
0.402MAX
[10.2]
0.100
[2.54]
0.787MAX
[20.0]
0.591MAX
[15.0]
0.142
[3.6]
0.049
[1.25]
0.400
[10.16]
0.300
[7.62]
0.031
[0.8]
0.402MAX
[10.2]
Single side stable or 1 coil latching relay
2 coil latching relay
-
+
-
+
-
+
Single side stable
-
+
-
+
-
+
1 coil latching relay
+
-
SET
RESET
+
-
SET
RESET
+
-
SET
RESET
-
+
2 coil latching relay
-
+
SET
RESET
-
+
-
+
SET
RESET
-
+
-
+
SET
RESET
0.031
[0.80]
0.787MAX
[20.0]
0.591MAX
[15.0]
0.142
[3.6]
0.049
[1.25]
0.400
[10.16]
0.300
[7.62]
0.031
[0.8]
0.402MAX
[10.2]
[0.80]
1A
2A &1AB
1A
2A &1AB
0.100
[2.54]
0.787MAX
[20.0]
0.591MAX
[15.0]
0.142
[3.6]
0.049
[1.25]
0.400
[10.16]
0.300
[7.62]
0.031
[0.8]
0.402MAX
[10.2]
0.016
[0.4]
0.400
[10.16]
0.016
[0.4]
0.400
[10.16]
0.016
[0.4]
0.400
[10.16]
0.300
[7.62]
0.400
[10.16]
0.400
[10.16]
6-Ø0.047
[Ø1.2]
0.300
[7.62]
0.400
[10.16]
0.400
[10.16]
0.300
[7.62]
0.400
[10.16]
0.400
[10.16]
4-Ø0.047
[Ø1.2]
0.300
[7.62]
0.400
[10.16]
0.400
[10.16]
6-Ø0.047
[Ø1.2]
0.100
[2.54]
8-Ø0.047
[Ø1.2]
0.100
[2.54]
Single side stable or 1 coil latching relay
1A
2A &1AB
1A
2A &1AB
2 coil latching relay
Viewed toward terminals
1A
2A
1AB
1A
2A
1AB
AZ
AZ880
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
9/6/06W
PC Board Layout
Wiring Diagram
Outline Dimensions
Viewed toward terminals. Relays shown in de-energized or reset state.


Similar Part No. - AZ880-1A-5D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ880-1A-5D ZETTLER-AZ880-1A-5D Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
More results

Similar Description - AZ880-1A-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com