Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ850P1-4.5 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ850P1-4.5
Description  MICROMINIATURE POLARIZED RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ850P1-4.5 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ850P1-4.5 Datasheet HTML 1Page - American Zettler, Inc. AZ850P1-4.5 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AZ850
6/20/05 W
MICROMINIATURE
POLARIZED RELAY
FEATURES
• Microminiature size: Height: .197 inches (5 mm);
Length: .551 inches (14 mm); Width: .354 inches (9 mm)
• High sensitivity, 79 mW pickup
• Monostable and bistable (latching) single coil and two
coil versions available
• Meets FCC Part 68.302 1500 V lightning surge
• DIP terminal layout, fits 10 pin IC socket
• Epoxy sealed for automatic wave soldering and cleaning
• UL, CUR file E43203
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 30 W or 62.5 VA
Max. switched current: 1 A
Max. switched voltage: 220 VDC or 250 VAC
Max. carry current:
2 A
Rated Load
UL
1 A at 30 VDC resistive
0.5 A at 125 VAC resistive
Material
Silver palladium; gold clad
Resistance
< 50 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108
Electrical
2 x 105 at 1 A, 30 VDC, resistive
1 x 105 at 0.5 A, 125VAC, resistive
Operate Time (typical)
2 ms at nominal coil voltage
Release Time (typical)
1 ms at nominal coil voltage
(with no coil suppression)
Set Time
2 ms at nominal coil voltage (typical)
(bistable versions)
Reset Time
2 ms at nominal coil voltage (typical)
(bistable versions)
Dropout
Greater than 10% of nominal coil voltage
Capacitance
Contact to contact: 0.4 pF
Contact set to contact set: 0.2 pF
Contact to coil: 0.9 pF
Dielectric Strength
1000 Vrms between contact sets
(at sea level)
1000 Vrms across contacts
1000 Vrms contact to coil
Meets FCC part 68.302 1500 V lightning
surge
Insulation Resistance
1000 megohms min. at 25°C, 500 VDC,
50% RH
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
.130" DA at 10–55 Hz
Shock
50 g
Enclosure
LCP
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
250°C (482°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
1.5 grams
COIL (Polarized)
Power
At Pickup Voltage
Single side stable:
79–169 mW
(typical)
Bistable (latching) single coil: 56–84 mW
Bistable (latching) two coil: 113–169 mW
Max. Continuous
875 mW at 20°C (68°F) ambient
Dissipation
Temperature Rise
18°C (32°F) at nominal coil voltage
Temperature
Max. 105°C (221°F)
NOTES
1. All values at 20°C (68°F).
2. Relay has fixed coil polarity.
3. Relay may pull in with less than “Must Operate” value.
4. Relay adjustment may be affected if undue pressure is exerted
on relay case.
5. For complete isolation between the relay’s magnetic fields, it is
recommended that a .197" (5.0 mm) space be provided between
adjacent relays.
6. Specifications subject to change without notice.


Similar Part No. - AZ850P1-4.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ850P1-4.5 ETC1-AZ850P1-4.5 Datasheet
55Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ850P1-4.5 ZETTLER-AZ850P1-4.5 Datasheet
47Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ850P1-4.5

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com