Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ832P1-2C-24DSE Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ832P1-2C-24DSE
Description  POLARIZED DIP RELAY BISTABLE (LATCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ832P1-2C-24DSE Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ832P1-2C-24DSE Datasheet HTML 1Page - American Zettler, Inc. AZ832P1-2C-24DSE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
STANDARD DUAL COIL
COIL SPECIFICATIONS
Nominal
Max.
Coil
Set
Coil
Continuous
Resistance
Reset
ORDER NUMBER
VDC
VDC
± 10%
VDC
3
6.4
45
2.25
AZ832P2–2C–3DE
5
10.6
125
3.75
AZ832P2–2C–5DE
6
12.7
180
4.5
AZ832P2-2C–6DE
12
25.5
720
9.0
AZ832P2–2C–12DE
24
42.8
2,040
18.0
AZ832P2–2C–24DE
SENSITIVE DUAL COIL
3
7.3
60
2.25
AZ832P2–2C–3DSE
5
12.3
167
3.75
AZ832P2–2C–5DSE
6
14.7
240
4.5
AZ832P2-2C–6DSE
12
29.4
960
9.0
AZ832P2–2C–12DSE
24
58.8
3,840
18.0
AZ832P2–2C–24DSE
8/3/07 W
AZ832P
RELAY ORDERING DATA
STANDARD SINGLE COIL
COIL SPECIFICATIONS
Nominal
Max.
Coil
Set
Coil
Continuous
Resistance
Reset
ORDER NUMBER
VDC
VDC
± 10%
VDC
3
9.0
90
2.25
AZ832P1-2C–3DE
5
15.0
250
3.75
AZ832P1–2C–5DE
12
36.0
1,440
9.0
AZ832P1–2C–12DE
24
60.0
4,000
18.0
AZ832P1–2C–24DE
SENSITIVE SINGLE COIL
2.25
7.8
67.5
1.69
AZ832P1–2C–2.25DSE
3
10.4
120
2.25
AZ832P1–2C–3DSE
5
17.2
330
3.75
AZ832P1–2C–5DSE
12
41.6
1,920
9.0
AZ832P1–2C–12DSE
24
83.1
7,680
18.0
AZ832P1–2C–24DSE
MECHANICAL DATA
1
[2.54]
.100
[1.21]
9
11
13
15
16
8
6
4
2
.048
PC BOARD LAYOUT
.300
[1.19]
.047
[7.62]
+
-
14
2
15
16
13
+
-
SET
(WATCH FOR POLARITY)
RESET
DIAGRAMS SHOW THE “RESET”
POSITION BEFORE ENERGIZED
WITH POLARITY AS SHOWN
NOTE:
8
6
9
11
4
13
-
+
1
16
(WATCH FOR POLARITY)
68
11
9
[0.50±0.12]
.048
[1.21]
.118
[3.00]
WIRING DIAGRAM
TWO COIL LATCHING
.795 MAX
WIRING DIAGRAM
SINGLE COIL LATCHING
10 x ø.039
[ø1.0]
3 x .200
[5.08]
[10.00]
.419 MAX
[10.65]
.394 MAX
.026
[0.66]
VIEWED TOWARD TERMINALS
6 x 020 ± .005
[0.25± 0.12]
6 x .010 ± 005
[20.20]
TWO COIL VERSION
VIEWED TOWARD TERMINALS
VIEWED TOWARD TERMINALS
4 X .016
[0.40]


Similar Part No. - AZ832P1-2C-24DSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ832P1-2C-24DSE ETC1-AZ832P1-2C-24DSE Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ832P1-2C-24DSE ZETTLER-AZ832P1-2C-24DSE Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results

Similar Description - AZ832P1-2C-24DSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
Willow Technologies Ltd
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com