Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ847P2-9 Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ847P2-9
Description  MICROMINIATURE POLARIZED RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ847P2-9 Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ847P2-9 Datasheet HTML 1Page - American Zettler, Inc. AZ847P2-9 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ847
5/24/04W
RELAY ORDERING DATA
SINGLE SIDE STABLE
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER
VDC
VDC
± 10%
VDC
3
6.7
64.3
2.3
AZ847–3
5
11.2
178
3.8
AZ847–5
6
13.4
257
4.5
AZ847–6
9
20.1
579
6.8
AZ847–9
12
26.8
1,028
9.0
AZ847–12
24
44.9
2,880
18.0
AZ847–24
BISTABLE (LATCHING) TWO COIL
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance ± 10%
Must Operate
ORDER NUMBER
VDC
VDC
Coil I
Coil II
VDC
3
5.6
45
45
2.3
AZ847P2–3
5
9.4
125
125
3.8
AZ847P2–5
6
11.2
180
180
4.5
AZ847P2–6
9
16.8
405
405
6.8
AZ847P2–9
12
22.4
720
720
9.0
AZ847P2–12
24
36.7
1,920
1,920
18.0
AZ847P2–24
MECHANICAL DATA
Coil Temperature Rise
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
.100
(2.54)
.100
(2.54)
.032
(0.8)
PC BOARD LAYOUT
Viewed toward terminals
Viewed toward terminals
.354
(9.0)
.008
(0.2)
.300
(7.62)
.024
(0.6)
.016
(0.4)
.008
(0.2)
.217 (5.5)
.138
.100
(2.54)
.551
(14.0)
Terminal
Dimensions
WIRING DIAGRAMS
23
4
5
1
10
98
7
6
Stripe on top of relay indicates location of pins 1 and 10.
WATCH FOR POLARITY
23
4
5
1
10
98
7
6
Set Coil
Reset Coil
Diagrams show the "reset"
position before energized
with polarity as shown.
SINGLE SIDE STABLE
BISTABLE (LATCHING) TWO COIL
Percent of Nominal Coil Voltage 20
˚Ambient
90
80
70
60
50
40
30
20
10
0
60%
80%
100%
120%
140%
160%
180%
200%
220
Full Load
No Load
Maximum Switching Capacity
DC Resistive Load
10
100
250
Volts
1.0
1.25
1.50
2.00
.8
.6
.4
.2
.3
.1
AC Resistive
Load


Similar Part No. - AZ847P2-9

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-12 AZETTLER-AZ846-12 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-24 AZETTLER-AZ846-24 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-3 AZETTLER-AZ846-3 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-4 AZETTLER-AZ846-4 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ847P2-9

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com