Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDP-L-55B-L-SNCC-P Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # EDP-L-55B-L-SNCC-P
Description  ELED Pigtailed Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

EDP-L-55B-L-SNCC-P Datasheet(HTML) 1 Page - Source Photonics, Inc.

  EDP-L-55B-L-SNCC-P Datasheet HTML 1Page - Source Photonics, Inc. EDP-L-55B-L-SNCC-P Datasheet HTML 2Page - Source Photonics, Inc. EDP-L-55B-L-SNCC-P Datasheet HTML 3Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
EDP-L-XXB-X-SXXX-XS-XX
ELED Pigtailed Module
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS702-APR2507
rev. A.3
LUMINENTOIC.COM
Features
• 1300nm or 1550nm Wavelength
• High Optical Power
• High Operating Current
• High Operating Temperature
• Low Modal Noise
• Single mode fiber pigtailed with optional FC/ST/SC/without connector
• For Datacom or Measurement Applications
• RoHS Compliant available
Parameter
Symbol
Condition
Rating
Unit
Reverse Voltage
Vr
CW
2.5
V
Forward Current
If
CW
150
mA
Operating Temperature
T opr
-
-20 ~ 70
ºC
Storage Temperature
T stg
-
-40 ~ 85
ºC
Absolute Maximum Ratings (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Wavelength
λ
1260
1300
1340
nm
CW
Spectral Width
∆λ
30
-
70
nm
CW(FWHM)
Operating Current
Iop
-
80
100
mA
CW
Output Power
L
M
H
U
P
O
10
50
100
150
-
-
-
-
-
-
-
-
µW
CW at Iop=80mA
Spectral Ripple
-
-
10
%
λ±10nm
Foward Voltage
Vf
-
1.2
2.0
V
CW
Rise Time
Tr
-
1.5
-
ns
Fall Time
Tf
-
2.5
-
ns
Output Power Variation
-
10
-
dB
25ºC to 70ºC
Optical and Electrical Characteristics 1300nm
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Wavelength
λ
1510
1550
1580
nm
CW
Spectral Width
∆λ
45
-
100
nm
CW(FWHM)
Operating Current
Iop
-
80
100
mA
CW
Output Power
L
M
H
P
O
10
20
30
-
-
-
-
-
-
µW
CW at Iop=80mA
Spectral Ripple
-
-
10
%
λ±10nm
Foward Voltage
Vf
-
1.2
2.0
V
CW
Rise Time
Tr
-
1.5
-
ns
Fall Time
Tf
-
2.5
-
ns
Output Power Variation
-
10
-
dB
25ºC to 70ºC
Optical and Electrical Characteristics 1550nm
(All optical data refer to a coupled 9/125µm SM fiber)
(All optical data refer to a coupled 9/125µm SM fiber)


Similar Part No. - EDP-L-55B-L-SNCC-P

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDP-S-30B-H-MFCC SOURCE-EDP-S-30B-H-MFCC Datasheet
515Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-H-MFCC-G5 SOURCE-EDP-S-30B-H-MFCC-G5 Datasheet
515Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-H-MFCC-GR SOURCE-EDP-S-30B-H-MFCC-GR Datasheet
515Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-H-MFCD SOURCE-EDP-S-30B-H-MFCD Datasheet
515Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-H-MFCD-G5 SOURCE-EDP-S-30B-H-MFCD-G5 Datasheet
515Kb / 3P
   ELED Pigtailed Module
More results

Similar Description - EDP-L-55B-L-SNCC-P

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDP-S-30B-L-SSCN SOURCE-EDP-S-30B-L-SSCN Datasheet
515Kb / 3P
   ELED Pigtailed Module
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST252X HP-LST252X Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Source Photonics, Inc.
EDR-S-30B-L-SFCE SOURCE-EDR-S-30B-L-SFCE Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-L-30B-L-SSTA SOURCE-EDR-L-30B-L-SSTA Datasheet
345Kb / 3P
   ELED ST Receptacle
EDR-L30B-L-SSCH SOURCE-EDR-L30B-L-SSCH Datasheet
511Kb / 4P
   ELED SC Receptacle
EDR-L-30B-L-NSTA SOURCE-EDR-L-30B-L-NSTA Datasheet
493Kb / 3P
   ELED ST Receptacle
EDR-S-30B-L-SSTA SOURCE-EDR-S-30B-L-SSTA Datasheet
429Kb / 3P
   ELED ST Receptacle
EDR-L-30B-L-SFCE SOURCE-EDR-L-30B-L-SFCE Datasheet
334Kb / 4P
   ELED FC Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com