Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ830-2C-24DE Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ830-2C-24DE
Description  POLARIZED DIP RELAY SINGLE SIDE STABLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ830-2C-24DE Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ830-2C-24DE Datasheet HTML 1Page - American Zettler, Inc. AZ830-2C-24DE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108
Electrical
1 x 105 at 2 A, 30 VDC or 1 A, 125 VAC
2 x 106 at 1 A, 30 VDC or .5 A, 125 VAC
(see table for additional figures)
Operate Time (typical)
3 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Capacitance
Contact to contact: 1.0 pF
Contact set to contact: 1.0 pF
Contact to coil: 2.0 pF
Bounce (typical)
At 10 mA contact current
1.5 ms at operate N.O. side
2.5 ms at operate N.C. side
Dielectric Strength
1500 Vrms contact to coil
(at sea level)
1000 Vrms between contact sets
1000 Vrms across contacts
Meets FCC Part 68.302 lightning surge
Meets FCC Part 68.304 V dielectric
Insulation Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Standard: -40°C (-40°F) to 70°C (158°F)
Sensitive: -40°C (-40°F) to 85°C (185°F)
Ultra-Sensitive: -40°C (-40°F) to 90°C (194°F)
Storage
All: -40°C (-40°F) to 115°C (239°F)
Vibration
0.062" DA at 10–55 Hz
Shock
40 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
5 grams
COIL
Power
At Pickup Voltage
Standard coil: 200 mW
(typical)
Sensitive coil: 100 mW
Ultra-Sensitive coil: 96 mW
Max. Continuous
1.0 W at 20°C (68°F)
Dissipation
0.9 W at 40°C (104°F)
Temperature Rise
Standard: 38°C (68°F) at nominal coil voltage
Sensitive: 21°C (38°F) at nominal coil voltage
Ultra-Sensitive: 16°C (29°F) at nominal coil voltage
Temperature
Max. 115°C (239°F)
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 60 W or 125 VA
Max. switched current: 2 A
Max. switched voltage: 250 VDC or 300 VAC
Max. carry current: 3A
Rated Load
UL
2 A at
30 VDC
1 A at 120 VAC
Material
Silver alloy, gold clad.
Resistance
< 50 milliohms initially
AZ830
8/3/07W
POLARIZED DIP RELAY
SINGLE SIDE STABLE
FEATURES
• Low profile for compact board spacing
• DC coils to 48 VDC
• High sensitivity, 96 mW pickup
• Life expectancy to 100 million operations
• High switching capacity, 60 W, 125 VA
• Fits standard 16 pin IC socket
• Epoxy sealed for automatic wave soldering and cleaning
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• UL file E43203 (UL1950)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. For complete isolation between the relay’s magnetic fields, it is
recommended that a .197" (5.0 mm) space be provided between
adjacent relays.
5. Relay adjustment may be affected if undue pressure is exerted
on relay case.
6. Specifications subject to change without notice.


Similar Part No. - AZ830-2C-24DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830-2C-24DE ZETTLER-AZ830-2C-24DE Datasheet
58Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
AZ830-2C-24DE ZETTLER-AZ830-2C-24DE Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
More results

Similar Description - AZ830-2C-24DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830 ZETTLER-AZ830_13 Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
List of Unclassifed Man...
AZ832 ETC1-AZ832 Datasheet
55Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ832 ZETTLER-AZ832 Datasheet
46Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
AZ830 ZETTLER-AZ830 Datasheet
58Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
American Zettler, Inc.
AZ832 AZETTLER-AZ832 Datasheet
228Kb / 3P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com