Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ763-1C-48A Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ763-1C-48A
Description  12 A SPDT MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ763-1C-48A Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ763-1C-48A Datasheet HTML 1Page - American Zettler, Inc. AZ763-1C-48A Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
3 x 107
Electrical
1 x 105 at 12 A 240 VAC res.
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C
Resistance
500 VDC 50% RH
Dropout
Greater than 10% of nominal coil voltage - DC
Greater than 15% of nominal coil voltage - AC
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 90°C (194°F) - DC coils
-40°C (-40°F) to 75°C (167°F) - AC coils
Storage
-40°C (-40°F) to 115°C (239°F)
Vibration
0.062" DA at 10–55 Hz
Shock
30 g
Enclosure
P.B.T. polyester, UL-94 : V0
Terminals
Tinned copper alloy, P. C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 Seconds
Weight
14 grams
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (N.O.) (1 Form A)
Ratings
Resistive load:
Max. switched power: 360 W or 3000 VA
Max. switched current: 12 A
Max. switched voltage: 300* VDC or 400 VAC
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
UL, CUR
12 A at 250 VAC resistive
VDE
12 A at 250 VAC
Material
Silver nickel or silver nickel gold plated
Resistance
< 100 milliohms initially
AZ
6/11/04W
AZ763
12 A SPDT MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• Low height: 15.7 mm
• Epoxy sealed version available
• 12 Amp switching
• AC and DC coils
• Isolation spacing greater than 10 mm
• Proof tracking index (PTI/CTI) 250
• Surpasses requirements of VDE 0631/0700
• UL, CUR file E43203; VDE 112904
COIL
Power
At Pickup Voltage
200 mW (DC coil)
(typical)
.422 VA (AC coil)
Max. Continuous
1.7 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
26°C (47°F) at nominal coil voltage
Max. Temperature
115°C (239°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ763-1C-48A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763-1C-48A ZETTLER-AZ763-1C-48A Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ763-1C-48A ZETTLER-AZ763-1C-48A Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ763-1C-48A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com