Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ830-2C-6DE Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ830-2C-6DE
Description  POLARIZED DIP RELAY SINGLE SIDE STABLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ830-2C-6DE Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ830-2C-6DE Datasheet HTML 1Page - American Zettler, Inc. AZ830-2C-6DE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
COIL SPECIFICATIONS
STANDARD COIL
Nominal
Max.
Coil
Must
Coil
Continuous Resistance
Operate
ORDER NUMBER*
VDC
VDC
± 10%
VDC
3
4.5
22.5
2.1
AZ830–2C–3DE
5
7.5
62.5
3.5
AZ830–2C–5DE
6
9.0
90
4.2
AZ830–2C–6DE
9
13.5
203
6.3
AZ830–2C–9DE
12
18.0
360
8.4
AZ830–2C–12DE
24
36.0
1440
16.8
AZ830–2C–24DE
48
72.0
5760
33.6
AZ830–2C–48DE
SENSITIVE COIL
3
6.4
45
2.1
AZ830–2C–3DSE
5
10.6
125
3.5
AZ830–2C–5DSE
9
19.1
405
6.3
AZ830–2C–9DSE
12
25.5
720
8.4
AZ830–2C–12DSE
24
50.9
2880
16.8
AZ830–2C–24DSE
48
101.8
11520
33.6
AZ830–2C–48DSE
ULTRA-SENSITIVE COIL
3
7.3
60
2.4
AZ830–2C–3DSSE
5
12.3
167
4.0
AZ830–2C–5DSSE
9
22.0
540
7.2
AZ830–2C–9DSSE
12
29.4
960
9.6
AZ830–2C–12DSSE
24
58.8
3840
19.2
AZ830–2C–24DSSE
* Add suffix “R” to indicate reversed polarity.
AZ830
8/3/07W
MECHANICAL DATA
.788
(20.0)
.044
(1.1)
.138
(3.5)
.015
(0.38)
.386
(9.8)
.300
(7.61)
.200
(5.07)
.200
(5.07)
.390
(9.9)
(.024 ± .005)
(0.6 ± 0.13)
TYP
.012 ± .005
(0.3 ± 0.13)
TYP
PC BOARD LAYOUT
WIRING DIAGRAM
Viewed toward
terminals
Viewed toward terminals
0.1
(2.54)
.044
(1.1) REF
.044
(1.1) REF
0.03 DIA
(0.8)
(8 HOLES)
1
16
4
13
6
11
8
9
+
(WATCH FOR POLARITY)
Maximum Switching Capacity
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Voltage
AC Resistive Load
DC Resistive Load
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
NOTES: 1. Relays operated at nominal coil voltage.
2. Inductive load tests are at 0.7 power factor.
3. Table represents typical life figures and are not
guaranteed minimums.
TYPICAL CONTACT LIFE EXPECTANCY
NUMBER OF OPERATIONS
VOLTAGE
POWER
RESISTIVE
INDUCTIVE
LOAD
LOAD
50 mV
50 µW
5x 107
5 x 107
30 VDC
60 W
5 x 105
15 x 104
30 VDC
40 W
1 x 106
3 x 105
30 VDC
20 W
3 x 106
1 x 106
60 VDC
60 W
5 x 105
60 VDC
40 W
1 x 106
60 VDC
20 W
3 x 106
30 VAC
120 VA
5 x 105
15 x 104
30 VAC
80 VA
1 x 106
3 x 105
30 VAC
40 VA
3 x 106
1 x 106
60 VAC
120 VA
5 x 105
15 x 104
60 VAC
80 VA
1 x 106
3 x 105
60 VAC
40 VA
3 x 106
1 x 106
125 VAC
125 VA
5 x 105
15 x 104
125 VAC
80 VA
1 x 106
3 x 105
125 VAC
40 VA
3 x 106
1 x 106


Similar Part No. - AZ830-2C-6DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830-2C-6DE ZETTLER-AZ830-2C-6DE Datasheet
58Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
AZ830-2C-6DE ZETTLER-AZ830-2C-6DE Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
More results

Similar Description - AZ830-2C-6DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830 ZETTLER-AZ830_13 Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
List of Unclassifed Man...
AZ832 ETC1-AZ832 Datasheet
55Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ832 ZETTLER-AZ832 Datasheet
46Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
AZ830 ZETTLER-AZ830 Datasheet
58Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
American Zettler, Inc.
AZ832 AZETTLER-AZ832 Datasheet
228Kb / 3P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com